Electronic Components Datasheet Search
  English  ▼

X  

TDA8705 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8705
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8705 Datasheet HTML 1Page - NXP Semiconductors TDA8705 Datasheet HTML 2Page - NXP Semiconductors TDA8705 Datasheet HTML 3Page - NXP Semiconductors TDA8705 Datasheet HTML 4Page - NXP Semiconductors TDA8705 Datasheet HTML 5Page - NXP Semiconductors TDA8705 Datasheet HTML 6Page - NXP Semiconductors TDA8705 Datasheet HTML 7Page - NXP Semiconductors TDA8705 Datasheet HTML 8Page - NXP Semiconductors TDA8705 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1996 Jan 12
4
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705
PINNING
SYMBOL
PIN
DESCRIPTION
CLK
1
clock input
VCCD
2
digital supply voltage (+5 V)
DGND
3
digital ground
VRBA
4
reference voltage BOTTOM for
ADC A (decoupling)
VRTA
5
reference voltage TOP for ADC A
(decoupling)
VIA
6
analog input voltage for ADC A
AGND
7
analog ground
VCCA
8
analog supply voltage (+5 V)
VRMA
9
reference voltage MIDDLE for ADC A
(decoupling)
DEC
10
decoupling input
VIB
11
analog input voltage for ADC B
VRTB
12
reference voltage TOP for ADC B
(decoupling)
VRBB
13
reference voltage BOTTOM for
ADC B (decoupling)
VRMB
14
reference voltage MIDDLE for ADC B
(decoupling)
D0B
15
data output; bit 0 (LSB), ADC B
D1B
16
data output; bit 1, ADC B
D2B
17
data output; bit 2, ADC B
D3B
18
data output; bit 3, ADC B
D4B
19
data output; bit 4, ADC B
D5B
20
data output; bit 5 (MSB), ADC B
VCCO
21
supply voltage for output stages
(+5 V)
OGND
22
output ground
D0A
23
data output; bit 0 (LSB), ADC A
D1A
24
data output; bit 1, ADC A
D2A
25
data output; bit 2, ADC A
D3A
26
data output; bit 3, ADC A
D4A
27
data output; bit 4, ADC A
D5A
28
data output; bit 5 (MSB), ADC A
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA8705
CLK
DGND
V IA
V CCD
V RBA
V RTA
V RMA
V IB
V RTB
V RBB
V RMB
VCCA
AGND
DEC
D5B
D4B
D3B
D2B
D1B
D0B
D3A
D2A
D1A
D0A
V CCO
OGND
D5A
D4A
MLC114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com