Electronic Components Datasheet Search
  English  ▼

X  

TDA8705 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8705
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8705 Datasheet HTML 1Page - NXP Semiconductors TDA8705 Datasheet HTML 2Page - NXP Semiconductors TDA8705 Datasheet HTML 3Page - NXP Semiconductors TDA8705 Datasheet HTML 4Page - NXP Semiconductors TDA8705 Datasheet HTML 5Page - NXP Semiconductors TDA8705 Datasheet HTML 6Page - NXP Semiconductors TDA8705 Datasheet HTML 7Page - NXP Semiconductors TDA8705 Datasheet HTML 8Page - NXP Semiconductors TDA8705 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Jan 12
2
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705
FEATURES
• 2 times 6-bit resolution
• Sampling rate up to 40 MHz
• High signal-to-noise ratio over a large analog input
frequency range (5.8 effective bits at 10 MHz full-scale
input at fclk = 40 MHz
• TTL output
• Two separated inputs (AC-coupling)
• TTL compatible digital inputs
• Low-level AC clock input signal allowed
• Internal reference voltage regulator
(external reference regulation possible)
• Power dissipation only 250 mW (typical)
• Low analog input capacitance, no buffer amplifier
required
• No sample-and-hold circuit required.
APPLICATIONS
High-speed analog-to-digital conversion for:
• DBS (Digital Broadcast Satellite)
• QPSK (Quadrature Phase Shift Keying) demodulation
• Video.
GENERAL DESCRIPTION
The TDA8705 is a 6-bit high-speed dual analog-to-digital
converter (ADC) for satellite video and other applications.
It converts the two analog input signals into two 6-bit
binary-coded digital words at a maximum sampling rate of
40 MHz. All digital inputs and outputs are TTL compatible,
although a low-level sine wave clock input signal is
allowed.
QUICK REFERENCE DATA
Note
1. Full-scale sine wave (fi = 10 MHz; fclk = 40 MHz).
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
20
27
32
mA
ICCD
digital supply current
10
14
18
mA
ICCO
output stages supply current
10
14
18
mA
ILE
DC integral linear error
−±0.25
±0.5
LSB
DLE
DC differential linearity error
−±0.25
±0.5
LSB
AILE
AC integral linearity error
note 1
−±0.5
±1.0
LSB
fclk(max)
maximum clock frequency
40
−−
MHz
Ptot
total power dissipation
−
250
−
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8705T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com