Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 4 Page - Analog Devices

Part # LT1360
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 4 Page - Analog Devices

  LT1360 Datasheet HTML 1Page - Analog Devices LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices LT1360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT1210X
4
1210Xfa
For more information www.linear.com/LT1210X
SMALL-SIGNAL BANDWIDTH
RSD = 0 , IS = 30mA, VS = ±5V, Peaking ≤ 1dB
AV
RL ()
RF ()
RG ()
–3dB BW
(MHz)
–1
150
30
10
549
590
619
549
590
619
52.5
39.7
26.5
1
150
30
10
604
649
619
–
–
–
53.5
39.7
27.4
2
150
30
10
562
590
576
562
590
576
51.8
38.8
27.4
10
150
30
10
392
383
215
43.2
42.2
23.7
48.4
40.3
36.0
RSD = 0 , IS = 35mA, VS = ±15V, Peaking ≤ 1dB
AV
RL ()
RF ()
RG ()
–3dB BW
(MHz)
–1
150
30
10
604
649
665
604
649
665
66.2
48.4
46.5
1
150
30
10
750
866
845
–
–
–
56.8
35.4
24.7
2
150
30
10
665
715
576
665
715
576
52.5
38.9
35.0
10
150
30
10
453
432
221
49.9
47.5
24.3
61.5
43.1
45.5
RSD = 7.5k, IS = 15mA, VS = ±5V, Peaking ≤ 1dB
AV
RL ()
RF ()
RG ()
–3dB BW
(MHz)
–1
150
30
10
562
619
604
562
619
604
39.7
28.9
20.5
1
150
30
10
634
681
649
–
–
–
41.9
29.7
20.7
2
150
30
10
576
604
576
576
604
576
40.2
29.6
21.6
10
150
30
10
324
324
210
35.7
35.7
23.2
39.5
32.3
27.7
RSD = 47.5k, IS = 18mA, VS = ±15V, Peaking ≤ 1dB
AV
RL ()
RF ()
RG ()
–3dB BW
(MHz)
–1
150
30
10
619
698
698
619
698
698
47.8
32.3
22.2
1
150
30
10
732
806
768
–
–
–
51.4
33.9
22.5
2
150
30
10
634
698
681
634
698
681
48.4
33.0
22.5
10
150
30
10
348
357
205
38.3
39.2
22.6
46.8
36.7
31.3
RSD = 15k, IS = 7.5mA, VS = ±5V, Peaking ≤ 1dB
AV
RL ()
RF ()
RG ()
–3dB BW
(MHz)
–1
150
30
10
536
549
464
536
549
464
28.2
20.0
15.0
1
150
30
10
619
634
511
–
–
–
28.6
19.8
14.9
2
150
30
10
536
549
412
536
549
412
28.3
19.9
15.7
10
150
30
10
150
118
100
16.5
13.0
11.0
31.5
27.1
19.4
RSD = 82.5k, IS = 9mA, VS = ±15V, Peaking ≤ 1dB
AV
RL ()
RF ()
RG ()
–3dB BW
(MHz)
–1
150
30
10
590
649
576
590
649
576
34.8
22.5
16.3
1
150
30
10
715
768
649
–
–
–
35.5
22.5
16.1
2
150
30
10
590
665
549
590
665
549
35.3
22.5
16.8
10
150
30
10
182
182
100
20.0
20.0
11.0
37.2
28.9
22.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com