Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 6 Page - Analog Devices

Part # LT1360
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices LT1360 Datasheet HTML 9Page - Analog Devices LT1360 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT1210X
6
1210Xfa
For more information www.linear.com/LT1210X
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Shutdown Pin Current
Input Common Mode Limit High
vs Junction Temperature
Output Short-Circuit Current
vs Junction Temperature
Input Common Mode Limit Low
vs Junction Temperature
Output Saturation Voltage vs
Junction Temperature (Output Low)
Output Saturation Voltage vs
Junction Temperature (Output High)
Supply Current vs Supply Voltage
Supply Current vs
Ambient Temperature, VS = ±5V
Supply Current vs
Ambient Temperature, VS = ±15V
TA = 175°C
TA = 125°C
TA = 85°C
TA= 25°C
TA= –40°C
RSD = 0Ω
SUPPLY VOLTAGE (±V)
4
6
8
10
12
14
16
18
16
18
20
22
24
26
28
30
32
34
36
1210X G10
RSD = 0Ω
RSD = 7.5k
RSD = 15k
AV = 1
RL = No Load
TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
5
10
15
20
25
30
35
1210X G11
RSD = 0Ω
RSD = 47.5k
RSD = 82.5k
AV = 1
RL = No Load
TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
5
10
15
20
25
30
35
40
1210X G12
SHUTDOWN PIN CURRENT (µA)
0
40
35
30
25
20
15
10
5
0
400
1210X G13
100
200
300
500
VS = ±15V
VS = ±15V
MEASURED FROM V+
TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
–2.0
–1.6
–1.2
–0.8
–0.4
0.0
1210X G14A
SOURCING
SINKING
TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
1210X G16
VS = ±15V
MEASURED FROM V–
RL = 10Ω
RL = 2k
TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
1
2
3
4
5
6
1210X G17
VS = ±15V
MEASURED FROM V–
TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
0.4
0.8
1.2
1.6
2.0
1210X G15
VS = ±15V
MEASURED FROM V+
RL = 2k
RL = 10Ω
TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
–6.0
–5.0
–4.0
–3.0
–2.0
–1.0
0
1210X G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com