Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 5 Page - Analog Devices

Part # LT1360
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 5 Page - Analog Devices

  LT1360 Datasheet HTML 1Page - Analog Devices LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices LT1360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1210X
5
1210Xfa
For more information www.linear.com/LT1210X
TYPICAL PERFORMANCE CHARACTERISTICS
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Differential Phase vs
Supply Voltage
Differential Gain vs
Supply Voltage
Spot Noise Voltage and Current
vs Frequency
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Bandwidth and Feedback Resistance
vs Capacitive Load for Peaking ≤ 1dB
Bandwidth and Feedback Resistance
vs Capacitive Load for Peaking ≤ 5dB
4
0
10
30
40
50
100
70
8
12
20
80
90
60
6
10
14
16
18
SUPPLY VOLTAGE (±V)
1210X G01
PEAKING ≤ 1dB
PEAKING ≤ 5dB
RF = 470
RF = 560
RF = 750
RF = 1kΩ
RF = 1.5kΩ
AV = 2
RL = 100
RF = 680
4
0
20
50
8
12
10
40
30
6
10
14
16
18
SUPPLY VOLTAGE (±V)
1210X G02
PEAKING ≤ 1dB
PEAKING ≤ 5dB
RF = 560
RF = 1k
RF = 2k
RF = 750
AV = 2
RL = 10
CAPACITIVE LOAD (pF)
100
1k
10k
100
10
1
10000
1210X G03
1000
BANDWIDTH
FEEDBACK RESISTANCE
AV = 2
RL = ∞
VS = ±15V
CCOMP = 0.01µF
1
10
100
4
0
10
30
40
50
100
70
8
12
20
80
90
60
6
10
14
16
18
SUPPLY VOLTAGE (±V)
1210X G04
PEAKING ≤ 1dB
PEAKING ≤ 5dB
RF = 470
RF = 1.5k
RF = 330
RF = 680
RF =390
AV = 10
RL = 100
4
0
20
50
8
12
10
40
30
6
10
14
16
18
SUPPLY VOLTAGE (±V)
1210X G05
PEAKING ≤ 1dB
RF = 560
RF = 1k
RF = 1.5k
AV = 10
RL = 10
RF = 680
CAPACITIVE LOAD (pF)
1
1210X G06
10
100
1000
10000
0
1k
10k
0
100
10
100
1
FEEDBACK
RESISTANCE
BANDWIDTH
AV = +2
RL = ∞
VS = ±15V
CCOMP = 0.01µF
SUPPLY VOLTAGE (±V)
5
0.6
0.5
0.4
0.3
0.2
0.1
0
13
1210X G07
7
9
11
15
RF = RG = 750
AV = 2
RL = 10
RL = 50
RL = 15
RL = 30
SUPPLY VOLTAGE (±V)
5
0.5
0.4
0.3
0.2
0.1
0
13
1210X G08
7
9
11
15
RF = RG = 750
AV = 2
RL = 10
RL = 15
RL = 30
RL = 50
FREQUENCY (Hz)
10
1
10
100
100
100k
1210X G09
1k
10k
en
–in
+in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com