Electronic Components Datasheet Search
  English  ▼

X  

TDA8764ATS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8764ATS Datasheet HTML 5Page - NXP Semiconductors TDA8764ATS Datasheet HTML 6Page - NXP Semiconductors TDA8764ATS Datasheet HTML 7Page - NXP Semiconductors TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors TDA8764ATS Datasheet HTML 10Page - NXP Semiconductors TDA8764ATS Datasheet HTML 11Page - NXP Semiconductors TDA8764ATS Datasheet HTML 12Page - NXP Semiconductors TDA8764ATS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2000 Jul 03
9
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
BANDWIDTH (fCLK =60MHZ)
B
analog bandwidth
full-scale sine wave;
note 6
−
30
−
MHz
75% full-scale sine wave;
note 6
−
45
−
MHz
small signal at mid-scale;
VI = ±10 LSB at
code 512; note 6
−
700
−
MHz
tstLH
analog input settling time
LOW-to-HIGH
full-scale square wave;
see Fig.7; note 7
−
5
−
ns
tstHL
analog input settling time
HIGH-to-LOW
full-scale square wave;
see Fig.7; note 7
−
5
−
ns
HARMONICS (f
CLK =60MHZ)
Hall(FS)
harmonics (full-scale);
all components
fi = 5 MHz
second harmonic
−−68
−
dB
third harmonic
−−67
−
dB
SFDR
spurious free dynamic range
fi = 5 MHz
−
72
−
dB
THD
total harmonic distortion
fi = 5 MHz
−−64
−
dB
fi =15MHz
−−57
−
dB
SIGNAL-TO-NOISE RATIO; note 8
SNRFS
signal-to-noise ratio (full-scale)
without harmonics;
fclk = 60 MHz; fi = 5 MHz
−
58
−
dB
without harmonics;
fclk = 60 MHz; fi = 15 MHz
53
57
−
dB
EFFECTIVE BITS; note 8
EB
effective bits
fclk =60MHz
fi = 5 MHz
−
9.3
−
bits
fi = 10 MHz
−
8.9
−
bits
fi = 15 MHz
−
8.8
−
bits
fi = 20 MHz
−
8.6
−
bits
TWO-TONE; note 9
TTID
two-tone intermodulation
distortion
fclk =60MHz
−−67
−
dB
BIT ERROR RATE
BER
bit error rate
fclk = 60 MHz; fi = 5 MHz;
VI = ±16 LSB at code 512
−
10−13
−
times/
sample
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com