Electronic Components Datasheet Search
  English  ▼

X  

TDA8764ATS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8764ATS Datasheet HTML 6Page - NXP Semiconductors TDA8764ATS Datasheet HTML 7Page - NXP Semiconductors TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors TDA8764ATS Datasheet HTML 10Page - NXP Semiconductors TDA8764ATS Datasheet HTML 11Page - NXP Semiconductors TDA8764ATS Datasheet HTML 12Page - NXP Semiconductors TDA8764ATS Datasheet HTML 13Page - NXP Semiconductors TDA8764ATS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2000 Jul 03
10
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
Notes
1.
The rise and fall times of the clock signal must not be less than 0.5 ns.
2. The input admittance is
3. Analog input voltages producing code 0 up to and including code 1023:
a) Voffset(B) (offset voltage BOTTOM) is the difference between the analog input which produces data equal to 00
and the reference voltage BOTTOM (VRB) at Tamb =25 °C.
b) Voffset(T) (offset voltage TOP) is the difference between VRT (reference voltage TOP) and the analog input which
produces data outputs equal to code 1023 at Tamb =25 °C.
4. In order to ensure the optimum linearity performance of such converter architecture the lower and upper extremities
of the converter reference resistor ladder (corresponding to output codes 0 and 1023 respectively) are connected to
pins VRB and VRT via offset resistors ROB and ROT as shown in Fig.4.
a) The current flowing into the resistor ladder is
and the full-scale input range at the converter,
to cover code 0 to 1023, is
b) Since RL, ROB and ROT have similar behaviour with respect to process and temperature variation, the ratio
will be kept reasonably constant from device to device. Consequently variation of the output
codes at a given input voltage depends mainly on the difference VRT − VRB and its variation with temperature and
supply voltage. When several ADCs are connected in parallel and fed with the same reference source, the
matching between each of them is then optimized.
5.
6. The analog bandwidth is defined as the maximum input sine wave frequency which can be applied to the device.
No glitches greater than 2 LSBs, nor any significant attenuation are observed in the reconstructed signal.
Timing (fclk = 60 MHz; CL = 10 pF); see Fig.5 and note 10
tds
sampling delay time
−
0.7
2
ns
th
output hold time
4
−−
ns
td
output delay time TDA8764ATS
VCCO = 2.7 V
−
10
14
ns
VCCO = 3.3 V
−
913
ns
td
output delay time TDA8764AHL
VCCO = 2.7 V
−
13
17
ns
VCCO = 3.3 V
−
12
16
ns
CL
digital output load capacitance
−−
10
pF
SR
slew rate
VCCO = 2.7 V
0.2
0.3
−
V/ns
3-state output delay times (fclk = 60 MHz); see Fig.6
tdZH
enable HIGH
VCCO = 3.3 V
−
16
20
ns
tdZL
enable LOW
VCCO = 3.3 V
−
30
34
ns
tdHZ
disable HIGH
VCCO = 3.3 V
−
25
30
ns
tdLZ
disable LOW
VCCO = 3.3 V
−
23
27
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Y
i
1
R
i
-----
j
ωCi
+
=
I
L
V
RT
V
RB
–
R
OB
R
L
R
OT
++
------------------------------------------
=
V
I
R
L
I
L
×
R
L
R
OB
R
L
R
OT
++
------------------------------------------
==
V
(
RT
×
V
RB )
–
0.
˙ 8375
V
(
RT
V
RB )
–
×
=
R
L
R
OB
R
L
R
OT
++
------------------------------------------
E
G
V
1023
V
0
–
() V
i(p-p)
–
V
i(p-p)
----------------------------------------------------
100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com