Electronic Components Datasheet Search
  English  ▼

X  

TDA8764ATS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8764ATS Datasheet HTML 7Page - NXP Semiconductors TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors TDA8764ATS Datasheet HTML 10Page - NXP Semiconductors TDA8764ATS Datasheet HTML 11Page - NXP Semiconductors TDA8764ATS Datasheet HTML 12Page - NXP Semiconductors TDA8764ATS Datasheet HTML 13Page - NXP Semiconductors TDA8764ATS Datasheet HTML 14Page - NXP Semiconductors TDA8764ATS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2000 Jul 03
11
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
7. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square wave signal) in order to sample the signal and obtain correct output data.
8. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8K acquisition points per equivalent
fundamental period. The calculation takes into account all harmonics and noise up to half of the clock frequency
(Nyquist frequency). Conversion to signal-to-noise ratio: S/N = EB
× 6.02 + 1.76 dB.
9. Intermodulation measured relative to either tone with analog input frequencies of 4.5 and 4.3 MHz. The two input
signals have the same amplitude and the total amplitude of both signals provides full-scale to the converter.
10. Output data acquisition: the output data is available after the maximum delay time of td. It is recommended to have
the lowest possible output load. These parameters are guaranteed by characterization and not by production test.
handbook, halfpage
RLAD
ROT
VRT
VRM
VRB
ROB
code 1023
code 0
FCE256
IL
RL
Fig.4 Explanation of note 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com