Electronic Components Datasheet Search
  English  ▼

X  

TDA8764ATS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors TDA8764ATS Datasheet HTML 10Page - NXP Semiconductors TDA8764ATS Datasheet HTML 11Page - NXP Semiconductors TDA8764ATS Datasheet HTML 12Page - NXP Semiconductors TDA8764ATS Datasheet HTML 13Page - NXP Semiconductors TDA8764ATS Datasheet HTML 14Page - NXP Semiconductors TDA8764ATS Datasheet HTML 15Page - NXP Semiconductors TDA8764ATS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2000 Jul 03
12
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
Table 1
Output coding and input voltage (typical values; referenced to AGND; VRB = 1.3 V; VRT = 3.7 V; binary/gray
codes
Table 2
Output coding and input voltage (typical values; referenced to AGND; binary/twos complement codes
Table 3
TC mode selection
Table 4
Gray mode selection
STEP
VI
IR
BINARY OUTPUT BITS
GRAY OUTPUT BITS
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
U/F
<1.5
0
0
0
0
0
0
0
0
0
0
0
0000000000
0
1.5
1
0
0
0
0
0
0
0
0
0
0
0000000000
1
:
1
0
0
0
0
0
0
0
0
0
1
0000000001
:
:
:
:
:
:
:
:
:
:
:
:
:
::::::::::
:
:
:
:
:
:
:
:
:
:
:
:
:
::::::::::
1022
:
1
1
1
1
1
1
1
1
1
1
0
1000000001
1023
3.51
1
1
1
1
1
1
1
1
1
1
1
1000000000
O/F
>3.51
0
1
1
1
1
1
1
1
1
1
1
1000000000
STEP
VI
IR
BINARY OUTPUT BITS
TWOS COMPLEMENT OUTPUT BITS
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
U/F
<1.5
0
0
0
0
0
0
0
0
0
0
0
1000000000
0
1.5
1
0
0
0
0
0
0
0
0
0
0
1000000000
1
:
1
0
0
0
0
0
0
0
0
0
1
1000000001
:
:
:
:
:
:
:
:
:
:
:
:
:
::::::::::
:
:
:
:
:
:
:
:
:
:
:
:
:
::::::::::
1022
:
1
1
1
1
1
1
1
1
1
1
0
0111111110
1023
3.51
1
1
1
1
1
1
1
1
1
1
1
0111111111
O/F
>3.51
0
1
1
1
1
1
1
1
1
1
1
0111111111
TC
OE
D9 to D0
IR
X
1
high-impedance
high-impedance
0
0
active; twos complement
active
1
0
active; binary
active
GRAY
OE
D9 to D0
IR
X
1
high-impedance
high-impedance
0
0
active; binary
active
1
0
active; gray
active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com