Electronic Components Datasheet Search
  English  ▼

X  

TDA8766 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8766
Description  10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8766 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8766 Datasheet HTML 9Page - NXP Semiconductors TDA8766 Datasheet HTML 10Page - NXP Semiconductors TDA8766 Datasheet HTML 11Page - NXP Semiconductors TDA8766 Datasheet HTML 12Page - NXP Semiconductors TDA8766 Datasheet HTML 13Page - NXP Semiconductors TDA8766 Datasheet HTML 14Page - NXP Semiconductors TDA8766 Datasheet HTML 15Page - NXP Semiconductors TDA8766 Datasheet HTML 16Page - NXP Semiconductors TDA8766 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Mar 20
13
Philips Semiconductors
Product specification
10-bit high-speed 2.7 to 5.25 V
analog-to-digital converter
TDA8766
Fig.8 Analog input settling-time diagram.
handbook, full pagewidth
MBD875
50 %
STLH
t
5 ns
code 0
code 1023
I
50 %
2 ns
50 %
5 ns
STHL
t
50 %
2 ns
CLK
V
Fig.9 Typical Fast Fourier Transform (fclk = 20 MHz; fi = 1 MHz).
Effective bits: 9.59; THD =
−76.60 dB.
Harmonic levels (dB): 2nd =
−81.85; 3rd = −87.56; 4th = −88.81; 5th = −88.96; 6th = −79.58.
handbook, full pagewidth
10
0
120
0
2.5
3.76
5.01
7.51
8.76
1.25
6.26
MLD117
40
80
100
60
20
A
(dB)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com