Electronic Components Datasheet Search
  English  ▼

X  

TDA8766 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8766
Description  10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8766 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8766 Datasheet HTML 1Page - NXP Semiconductors TDA8766 Datasheet HTML 2Page - NXP Semiconductors TDA8766 Datasheet HTML 3Page - NXP Semiconductors TDA8766 Datasheet HTML 4Page - NXP Semiconductors TDA8766 Datasheet HTML 5Page - NXP Semiconductors TDA8766 Datasheet HTML 6Page - NXP Semiconductors TDA8766 Datasheet HTML 7Page - NXP Semiconductors TDA8766 Datasheet HTML 8Page - NXP Semiconductors TDA8766 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Mar 20
4
Philips Semiconductors
Product specification
10-bit high-speed 2.7 to 5.25 V
analog-to-digital converter
TDA8766
PINNING
SYMBOL PIN
DESCRIPTION
D9
1
data output; bit 9 (MSB)
IR
2
in range data output
VSSD1
3
digital ground 1
VDDD1
4
digital supply voltage 1 (2.7 to 5.25 V)
CLK
5
clock input
STDBY
6
standby mode input
VDDA
7
analog supply voltage (2.7 to 5.25 V)
n.c.
8
not connected
VSSA
9
analog ground
VRB
10
reference voltage BOTTOM input
VRM
11
reference voltage MIDDLE
n.c.
12
not connected
n.c.
13
not connected
VI
14
analog input voltage
VRT
15
reference voltage TOP input
OE
16
output enable input
n.c.
17
not connected
VDDD2
18
digital supply voltage 2 (2.7 to 5.25 V)
VSSD2
19
digital ground 2
VDDO
20
positive supply voltage for output
stage (2.5 to 5.25 V)
VSSO
21
digital output ground
D0
22
data output; bit 0 (LSB)
D1
23
data output; bit 1
n.c.
24
not connected
D2
25
data output; bit 2
D3
26
data output; bit 3
D4
27
data output; bit 4
D5
28
data output; bit 5
D6
29
data output; bit 6
D7
30
data output; bit 7
D8
31
data output; bit 8
n.c.
32
not connected
SYMBOL PIN
DESCRIPTION
Fig.2 Pin configuration.
handbook, full pagewidth
TDA8766
MLC854
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
index
corner
D9
IR
VDDD1
VSSD1
V
CLK
STDBY
DDA
VDDD2
VSSD2
VDDO
VSSO
n.c.
n.c.
D1
D0
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com