Electronic Components Datasheet Search
  English  ▼

X  

TDA8766 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8766
Description  10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8766 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8766 Datasheet HTML 1Page - NXP Semiconductors TDA8766 Datasheet HTML 2Page - NXP Semiconductors TDA8766 Datasheet HTML 3Page - NXP Semiconductors TDA8766 Datasheet HTML 4Page - NXP Semiconductors TDA8766 Datasheet HTML 5Page - NXP Semiconductors TDA8766 Datasheet HTML 6Page - NXP Semiconductors TDA8766 Datasheet HTML 7Page - NXP Semiconductors TDA8766 Datasheet HTML 8Page - NXP Semiconductors TDA8766 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Mar 20
2
Philips Semiconductors
Product specification
10-bit high-speed 2.7 to 5.25 V
analog-to-digital converter
TDA8766
FEATURES
• 10-bit resolution
• 2.7 to 5.25 V operation
• Sampling rate up to 20 MHz
• DC sampling allowed
• High signal-to-noise ratio over a large analog input
frequency range (9.3 effective bits at 1.0 MHz full-scale
input at fclk = 20 MHz)
• In range (IR) CMOS output
• CMOS/TTL compatible digital inputs and outputs
• External reference voltage regulator
• Power dissipation only 53 mW (typical)
• Low analog input capacitance, no buffer amplifier
required
• Standby mode
• No sample-and-hold circuit required.
APPLICATIONS
High-speed analog-to-digital conversion for:
• Video data digitizing
• Camera
• Camcorder
• Radio communication.
GENERAL DESCRIPTION
The TDA8766 is a 10-bit high-speed analog-to-digital
converter (ADC) for professional video and other
applications. It converts with 2.7 to 5.25 V operation the
analog input signal into 10-bit binary-coded digital words at
a maximum sampling rate of 20 MHz. All digital inputs and
outputs are CMOS compatible. A standby mode allows
reduction of the device power consumption down to 4 mW.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
2.7
3.3
5.25
V
VDDD1
digital supply voltage 1
2.7
3.3
5.25
V
VDDD2
digital supply voltage 2
2.7
3.3
5.25
V
VDDO
output stages supply voltage
2.5
3.3
5.25
V
IDDA
analog supply current
−
7.5
10
mA
IDDD
digital supply current
−
7.5
10
mA
IDDO
output stages supply current
fclk = 20 MHz; CL = 20 pF;
ramp input
−
12mA
INL
integral non-linearity
fclk = 20 MHz; ramp input
−±1
±2
LSB
DNL
differential non-linearity
fclk = 20 MHz; ramp input
−±0.25
±0.7
LSB
fclk(max)
maximum clock frequency
20
−−
MHz
Ptot
total power dissipation
VDDA =VDDD =VDDO = 3.3 V
−
53
73
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8766G
LQFP32
plastic low profile quad flat package; 32 leads; body 5
× 5 × 1.4 mm
SOT401-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com