Electronic Components Datasheet Search
  English  ▼

X  

AD8131 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8131
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8131 Datasheet HTML 5Page - Analog Devices AD8131 Datasheet HTML 6Page - Analog Devices AD8131 Datasheet HTML 7Page - Analog Devices AD8131 Datasheet HTML 8Page - Analog Devices AD8131 Datasheet HTML 9Page - Analog Devices AD8131 Datasheet HTML 10Page - Analog Devices AD8131 Datasheet HTML 11Page - Analog Devices AD8131 Datasheet HTML 12Page - Analog Devices AD8131 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8131
Rev. B | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
AD8131
RL, dm = 200Ω
24.9
Ω
49.9
Ω
1500
Ω
1500
Ω
750
Ω
750
Ω
Figure 5. Basic Test Circuit
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 200mV p-p
VS = ±5V
MSOP
SOIC
Figure 6. Small Signal Frequency Response
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 200mV p-p
VS = +5V
VS = ±5V
Figure 7. Small Signal Frequency Response
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
VS = ±5V
MSOP
SOIC
Figure 8. Large Signal Frequency Response
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
VS = +5V
VS = ±5V
Figure 9. Large Signal Frequency Response
AD8131
24.9
Ω
49.9
Ω
1500
Ω
1500
Ω
750
Ω
750
Ω
LPF
300
Ω
300
Ω
HPF
ZIN = 50Ω
2:1 TRANSFORMER
Figure 10. Harmonic Distortion Test Circuit (RL, dm = 800 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com