Electronic Components Datasheet Search
  English  ▼

X  

AD8131 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8131
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8131 Datasheet HTML 9Page - Analog Devices AD8131 Datasheet HTML 10Page - Analog Devices AD8131 Datasheet HTML 11Page - Analog Devices AD8131 Datasheet HTML 12Page - Analog Devices AD8131 Datasheet HTML 13Page - Analog Devices AD8131 Datasheet HTML 14Page - Analog Devices AD8131 Datasheet HTML 15Page - Analog Devices AD8131 Datasheet HTML 16Page - Analog Devices AD8131 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8131
Rev. B | Page 13 of 20
AD8131
24.9
Ω
1500
Ω
1500
Ω
750
Ω
750
Ω
100
Ω
100
Ω
VOUT, dm
VOUT, cm
Figure 29. CMRR Test Circuit
–20
–30
–40
–50
–60
–70
–80
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VIN, cm = 1V p-p
ΔV
OUT, dm/ΔVIN, cm
ΔV
OUT, cm/ΔVIN, cm
Figure 30. CMRR vs. Frequency
100
10
1
0.1
1
10
100
FREQUENCY (MHz)
SINGLE-ENDED OUTPUT
VS = +5V
VS = ±5V
Figure 31. Single-Ended ZOUT vs. Frequency
AD8131
1500
Ω
1500
Ω
750
Ω
750
Ω
100
Ω
100
Ω
24.9
Ω
49.9
Ω
Figure 32. Output Balance Error Test Circuit
–20
–30
–40
–50
–60
–70
–80
1
10
100
1000
FREQUENCY (MHz)
ΔV
OUT, dm = 2V p-p
ΔV
OUT, cm/ΔVOUT, dm
VS = +5V
VS = ±5V
Figure 33. Output Balance Error vs. Frequency
15
13
11
9
7
5
–50
–20
10
40
TEMPERATURE (°C)
70
100
130
VS = ±5V
VS = +5V
Figure 34. Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com