Electronic Components Datasheet Search
  English  ▼

X  

AD8131 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8131
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8131 Datasheet HTML 12Page - Analog Devices AD8131 Datasheet HTML 13Page - Analog Devices AD8131 Datasheet HTML 14Page - Analog Devices AD8131 Datasheet HTML 15Page - Analog Devices AD8131 Datasheet HTML 16Page - Analog Devices AD8131 Datasheet HTML 17Page - Analog Devices AD8131 Datasheet HTML 18Page - Analog Devices AD8131 Datasheet HTML 19Page - Analog Devices AD8131 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8131
Rev. B | Page 17 of 20
INPUT COMMON-MODE VOLTAGE RANGE IN
SINGLE-SUPPLY APPLICATIONS
The AD8131 is optimized for level-shifting ground referenced
input signals. For a single-ended input this would imply, for
example, that the voltage at −DIN in Figure 39 would be zero
volts when the amplifier’s negative power supply voltage (at V−)
was also set to zero volts.
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The AD8131’s VOCM pin is internally biased at a voltage
approximately equal to the midsupply point (average value of
the voltages on V+ and V−). Relying on this internal bias results
in an output common-mode voltage that is within about 25 mV
of the expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source, or resistor divider (made up of 10 kΩ resistors), be used.
DRIVING A CAPACITIVE LOAD
A purely capacitive load can react with the pin and bondwire
inductance of the AD8131 resulting in high frequency ringing
in the pulse response. One way to minimize this effect is to
place a small resistor in series with the amplifier’s outputs as
shown in Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com