Electronic Components Datasheet Search
  English  ▼

X  

AD8131 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8131
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 3 Page - Analog Devices

  AD8131 Datasheet HTML 1Page - Analog Devices AD8131 Datasheet HTML 2Page - Analog Devices AD8131 Datasheet HTML 3Page - Analog Devices AD8131 Datasheet HTML 4Page - Analog Devices AD8131 Datasheet HTML 5Page - Analog Devices AD8131 Datasheet HTML 6Page - Analog Devices AD8131 Datasheet HTML 7Page - Analog Devices AD8131 Datasheet HTML 8Page - Analog Devices AD8131 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8131
Rev. B | Page 3 of 20
SPECIFICATIONS
±DIN TO ±OUT SPECIFICATIONS
25°C, VS = ±5 V, VOCM = 0 V, G = 2, RL, dm = 200 Ω, unless otherwise noted. Refer to Figure 5 and Figure 39 for test setup and label
descriptions. All specifications refer to single-ended input and differential outputs, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
400
MHz
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
320
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.2 V p-p
85
MHz
Slew Rate
VOUT = 2 V p-p, 10% to 90%
2000
V/μs
Settling Time
0.1%, VOUT = 2 V p-p
14
ns
Overdrive Recovery Time
VIN = 5 V to 0 V Step
5
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
VOUT = 2 V p-p, 5 MHz, RL, dm = 200 Ω
−68
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 200 Ω
−63
dBc
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−95
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−79
dBc
Third Harmonic
VOUT = 2 V p-p, 5 MHz, RL, dm = 200 Ω
−94
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 200 Ω
−70
dBc
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−101
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−77
dBc
IMD
20 MHz, RL, dm = 800 Ω
−54
dBc
IP3
20 MHz, RL, dm = 800 Ω
30
dBm
Voltage Noise (RTO)
f = 20 MHz
25
nV/√Hz
Differential Gain Error
NTSC, RL, dm = 150 Ω
0.01
%
Differential Phase Error
NTSC, RL, dm = 150 Ω
0.06
degrees
INPUT CHARACTERISTICS
Input Resistance
Single-ended input
1.125
kΩ
Differential input
1.5
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
−7.0 to +5.0
V
CMRR
ΔVOUT, dm/ΔVIN, cm; ΔVIN, cm = ±0.5 V
−70
dB
OUTPUT CHARACTERISTICS
Offset Voltage (RTO)
VOS, dm = VOUT, dm; VDIN+ = VDIN− = VOCM = 0 V
±2
±7
mV
TMIN to TMAX variation
±8
μV/°C
VOCM = float
±4
mV
TMIN to TMAX variation
±10
μV/°C
Output Voltage Swing
Maximum ΔVOUT; single-ended output
−3.6 to +3.6
V
Linear Output Current
60
mA
Gain
ΔVOUT, dm/ΔVIN, dm; ΔVIN, dm = ±0.5 V
1.97
2
2.03
V/V
Output Balance Error
ΔVOUT, cm/ΔVOUT, dm; ΔVOUT, dm = 1 V
−70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com