Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8376
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8376 Datasheet HTML 13Page - Analog Devices AD8376 Datasheet HTML 14Page - Analog Devices AD8376 Datasheet HTML 15Page - Analog Devices AD8376 Datasheet HTML 16Page - Analog Devices AD8376 Datasheet HTML 17Page - Analog Devices AD8376 Datasheet HTML 18Page - Analog Devices AD8376 Datasheet HTML 19Page - Analog Devices AD8376 Datasheet HTML 20Page - Analog Devices AD8376 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8376
Rev. B | Page 17 of 24
Figure 42 is optimized for driving some of Analog Devices
popular unbuffered ADCs, such as the AD9246, AD9640,
and AD6655. Table 5 includes antialiasing filter component
recommendations for popular IF sampling center frequencies.
Inductor L5 works in parallel with the on-chip ADC input
capacitance and a portion of the capacitance presented by C4 to
form a resonant tank circuit. The resonant tank helps to ensure
the ADC input looks like a real resistance at the target center
frequency. Additionally, the L5 inductor shorts the ADC inputs
at dc, which introduces a zero into the transfer function. In
addition, the ac coupling capacitors and the bias chokes introduce
additional zeros into the transfer function. The final overall
frequency response takes on a band-pass characteristic, helping
to reject noise outside of the intended Nyquist zone. Table 5
provides initial suggestions for prototyping purposes. Some
empirical optimization may be needed to help compensate for
actual PCB parasitics.
5
1nF
1nF
1nF
1nF
50Ω
1:3
1/2
AD8376
301Ω
C2
A0 TO A4
C4
1µH
1µH
L1
L1
L3
L3
CML
165Ω
165Ω
L5
AD9246
AD9640
AD6655
Figure 42. Narrow-Band IF Sampling Solution for Unbuffered ADC Applications
Table 5. Interface Filter Recommendations for Various IF Sampling Frequencies
Center Frequency
1 dB Bandwidth
L1
C2
L3
C4
L5
96 MHz
27 MHz
390 nH
5.6 pF
390 nH
25 pF
100 nH
140 MHz
30 MHz
330 nH
3.3 pF
330 nH
20 pF
56 nH
170 MHz
32 MHz
270 nH
2.7 pF
270 nH
20 pF
39 nH
211 MHz
32 MHz
220 nH
2.2 pF
220 nH
18 pF
27 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com