Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8376
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 3 Page - Analog Devices

  AD8376 Datasheet HTML 1Page - Analog Devices AD8376 Datasheet HTML 2Page - Analog Devices AD8376 Datasheet HTML 3Page - Analog Devices AD8376 Datasheet HTML 4Page - Analog Devices AD8376 Datasheet HTML 5Page - Analog Devices AD8376 Datasheet HTML 6Page - Analog Devices AD8376 Datasheet HTML 7Page - Analog Devices AD8376 Datasheet HTML 8Page - Analog Devices AD8376 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8376
Rev. B | Page 3 of 24
SPECIFICATIONS
VS = 5 V, T = 25°C, RS = RL = 150 Ω at 140 MHz, 2 V p-p differential output, both channels enabled, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT < 2 V p-p (5.2 dBm)
700
MHz
Slew Rate
5
V/ns
INPUT STAGE
Pin IPA+ and Pin IPA−, Pin IPB+ and Pin IPB−
Maximum Input Swing
For linear operation (AV = −4 dB)
8.5
V p-p
Differential Input Resistance
Differential
120
150
165
Ω
Common-Mode Input Voltage
1.85
V
CMRR
Gain code = 00000
45.5
dB
GAIN
Amplifier Transconductance
Gain code = 00000
0.060
0.067
0.074
S
Maximum Voltage Gain
Gain code = 00000
20
dB
Minimum Voltage Gain
Gain code ≥ 11000
−4
dB
Gain Step Size
From gain code = 00000 to 11000
0.93
0.98
1.02
dB
Gain Flatness
All gain codes, 20% fractional bandwidth for fC < 200 MHz
0.18
dB
Gain Temperature Sensitivity
Gain code = 00000
8
mdB/°C
Gain Step Response
For VIN = 100 mV p-p, gain code = 10100 to 00000
5
ns
OUTPUT STAGE
Pin OPA+ and Pin OPA−, Pin OPB+ and Pin OPB−
Output Voltage Swing
At P1dB, gain code = 00000
13.1
V p-p
Output Impedance
Differential
16||0.8
kΩ||pF
Channel Isolation
Measured at differential output for differential input
applied to alternate channel (referred to output)
73
dB
NOISE/HARMONIC PERFORMANCE
46 MHz
Gain code = 00000
Noise Figure
8.7
dB
Second Harmonic
VOUT = 2 V p-p
−92
dBc
Third Harmonic
VOUT = 2 V p-p
−94
dBc
Output IP3
2 MHz spacing, 3 dBm per tone
50
dBm
Output 1 dB Compression Point
21.3
dBm
70 MHz
Gain code = 00000
Noise Figure
8.7
dB
Second Harmonic
VOUT = 2 V p-p
−89
dBc
Third Harmonic
VOUT = 2 V p-p
−95
dBc
Output IP3
2 MHz spacing, 3 dBm per tone
50
dBm
Output 1 dB Compression Point
21.4
dBm
140 MHz
Gain code = 00000
Noise Figure
8.7
dB
Second Harmonic
VOUT = 2 V p-p
−87
dBc
Third Harmonic
VOUT = 2 V p-p
−97
dBc
Output IP3
2 MHz spacing, 3 dBm per tone
51
dBm
Output 1 dB Compression Point
21.6
dBm
200 MHz
Gain code = 00000
Noise Figure
8.7
dB
Second Harmonic
VOUT = 2 V p-p
−82
dBc
Third Harmonic
VOUT = 2 V p-p
−91
dBc
Output IP3
2 MHz spacing, 3 dBm per tone
50
dBm
Output 1 dB Compression Point
20.9
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com