Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8376
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8376 Datasheet HTML 15Page - Analog Devices AD8376 Datasheet HTML 16Page - Analog Devices AD8376 Datasheet HTML 17Page - Analog Devices AD8376 Datasheet HTML 18Page - Analog Devices AD8376 Datasheet HTML 19Page - Analog Devices AD8376 Datasheet HTML 20Page - Analog Devices AD8376 Datasheet HTML 21Page - Analog Devices AD8376 Datasheet HTML 22Page - Analog Devices AD8376 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8376
Rev. B | Page 19 of 24
EVALUATION BOARD
Figure 47 shows the schematic of the AD8376 evaluation board.
The silkscreen and layout of the component and circuit sides
are shown in Figure 48 through Figure 51. The board is powered
by a single supply in the 4. 5 V to 5.5 V range. The power supply
is decoupled by 10 µF and 0.1 µF capacitors at each power supply
pin. Additional decoupling, in the form of a series resistor or
inductor at the supply pins, can also be added. Table 6 details
the various configuration options of the evaluation board.
The output pins of the AD8376 require supply biasing with
1 µH RF chokes. Both the input and output pins must be ac-
coupled. These pins are converted to single-ended with a pair of
baluns (Mini-Circuits® TC3-1T+ and M/A-COM ETC1-1-13).
The baluns at the input, T1 and T2, are used to transform 50 Ω
source impedances to the desired 150 Ω reference levels. The
output baluns, T3 and T4, and the matching components are
configured to provide 150 Ω to 50 Ω impedance transformations
with insertion losses of about 11 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com