Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8376
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8376 Datasheet HTML 14Page - Analog Devices AD8376 Datasheet HTML 15Page - Analog Devices AD8376 Datasheet HTML 16Page - Analog Devices AD8376 Datasheet HTML 17Page - Analog Devices AD8376 Datasheet HTML 18Page - Analog Devices AD8376 Datasheet HTML 19Page - Analog Devices AD8376 Datasheet HTML 20Page - Analog Devices AD8376 Datasheet HTML 21Page - Analog Devices AD8376 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8376
Data Sheet
Rev. B | Page 18 of 24
LAYOUT CONSIDERATIONS
Each amplifier has two output pins for each polarity, and they
are oriented in an alternating fashion. When designing the
board, care should be taken to minimize the parasitic capaci-
tance due to the routing that connects the corresponding
outputs together. A good practice is to avoid any ground or
power plane under this routing region and under the chokes to
minimize the parasitic capacitance.
CHARACTERIZATION TEST CIRCUITS
Differential-to-Differential Characterization
The S-parameter characterization for the AD8376 was
performed using a dedicated differential input to differential
output characterization board. Figure 45 shows the layout of the
characterization board. The board was designed for optimum
impedance matching into a 75 Ω system. Because both the
input and output impedances of the AD8376 are 150 Ω differ-
entially, 75 Ω impedance runs were used to match 75 Ω network
analyzer port impedances. On-board 1 μH inductors were used
for output biasing, and the output board traces were designed
for minimum capacitance.
0.1µF
0.1µF
L1
1µH
L2
1µH
0.1µF
0.1µF
+5V
5
A0 TO A4
AC
75Ω TRACES
75Ω TRACES
75Ω
75Ω
75Ω
75Ω
AC
1/2
AD8376
Figure 43. Test Circuit for S-Parameters on Dedicated 75 Ω
Differential-to-Differential Board
0.1µF
0.1µF
TC3-1T
T1
0.1µF
0.1µF
330Ω
330Ω
25Ω
25Ω
50Ω
+9V
5
A0 TO A4
50Ω
96Ω
96Ω
AC
1/2
AD8376
Figure 44. Test Circuit for Time Domain Measurements
Figure 45. Differential-to-Differential Characterization Board
Circuit Side Layout
C1
0.1µF
C2
0.1µF
TC3-1T
T1
L1
1µH
L2
1µH
C3
0.1µF
C4
0.1µF
R1
62Ω
R2
62Ω
R4
25Ω
R3
25Ω
ETC1-1-13
T2
50Ω
PAD LOSS = 11dB
+5V
5
A0 TO A4
50Ω
AC
1/2
AD8376
Figure 46. Test Circuit for Distortion, Gain, and Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com