Electronic Components Datasheet Search
  English  ▼

X  

TC1186 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1186
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186 Datasheet(HTML) 3 Page - Microchip Technology

  TC1186 Datasheet HTML 1Page - Microchip Technology TC1186 Datasheet HTML 2Page - Microchip Technology TC1186 Datasheet HTML 3Page - Microchip Technology TC1186 Datasheet HTML 4Page - Microchip Technology TC1186 Datasheet HTML 5Page - Microchip Technology TC1186 Datasheet HTML 6Page - Microchip Technology TC1186 Datasheet HTML 7Page - Microchip Technology TC1186 Datasheet HTML 8Page - Microchip Technology TC1186 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21350D-page 3
TC1054/TC1055/TC1186
Output Noise
eN
—
260
—
nV/
√Hz IL = IOUTMAX
SHDN Input
SHDN Input High Threshold
VIH
45
—
—
%VIN VIN = 2.5V to 6.5V
SHDN Input Low Threshold
VIL
——
15
%VIN VIN = 2.5V to 6.5V
ERROR Output
Minimum VIN Operating Voltage
VINMIN
1.0
—
—
V
Output Logic Low Voltage
VOL
—
—
400
mV
1 mA Flows to ERROR
ERROR Threshold Voltage
VTH
—
0.95 x VR
—V
See Figure 4-2
ERROR Positive Hysteresis
VHYS
—50—
mV
Note 7
VOUT to ERROR Delay
tDELAY
—2.5
—
ms
VOUT falling from VR to VR - 10%
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = VOUT + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V.
2:
3: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value.
5: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations”, “Ther-
mal Considerations”, for more details.
7: Hysteresis voltage is referenced by VR.
8: The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX.
9: Apply for junction temperatures of -40C to +85C.
TC VOUT = (VOUTMAX – VOUTMIN)x 106
VOUT x ΔT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com