Electronic Components Datasheet Search
  English  ▼

X  

TC1186 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1186
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1186 Datasheet HTML 3Page - Microchip Technology TC1186 Datasheet HTML 4Page - Microchip Technology TC1186 Datasheet HTML 5Page - Microchip Technology TC1186 Datasheet HTML 6Page - Microchip Technology TC1186 Datasheet HTML 7Page - Microchip Technology TC1186 Datasheet HTML 8Page - Microchip Technology TC1186 Datasheet HTML 9Page - Microchip Technology TC1186 Datasheet HTML 10Page - Microchip Technology TC1186 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21350D-page 7
TC1054/TC1055/TC1186
Note: Unless otherwise indicated, VIN = VOUT + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
Measure Rise Time of 5.0V
LDO.
FIGURE 2-20:
Thermal Shutdown
Response of 5.0V LDO.
FIGURE 2-21:
Measure Fall Time of 3.3V
LDO.
FIGURE 2-22:
Measure Fall Time of 5.0V
LDO.
VSHDN
VOUT
Conditions: CIN = 1 µF, COUT = 1 µF,
ILOAD = 100 mA, VIN = 6V, Temp = +25°C,
Fall Time = 192 µs
VOUT
Conditions: VIN = 6V, CIN = 0 µF, COUT = 1 µF
ILOAD was increased until temperature of die
reached about 160°C, at which time integrated ther-
mal protection circuitry shuts the regulator off when
die temperature exceeds approximately 160°C. The
regulator remains off until die temperature drops to
approximately 150°C.
VSHDN
VOUT
Conditions: CIN = 1 µF, COUT = 1 µF,
ILOAD = 100 mA, VIN = 4.3V, Temp = +25°C,
Fall Time = 52 µs
VSHDN
VOUT
Conditions: CIN = 1 µF, COUT = 1 µF,
ILOAD = 100 mA, VIN = 6V, Temp = +25°C,
Fall Time = 88 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com