Electronic Components Datasheet Search
  English  ▼

X  

TC1186 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1186
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1186 Datasheet HTML 7Page - Microchip Technology TC1186 Datasheet HTML 8Page - Microchip Technology TC1186 Datasheet HTML 9Page - Microchip Technology TC1186 Datasheet HTML 10Page - Microchip Technology TC1186 Datasheet HTML 11Page - Microchip Technology TC1186 Datasheet HTML 12Page - Microchip Technology TC1186 Datasheet HTML 13Page - Microchip Technology TC1186 Datasheet HTML 14Page - Microchip Technology TC1186 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21350D-page 11
TC1054/TC1055/TC1186
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
(V)
TC1054
Code
TC1055
Code
TC1186
Code
1.8
CY
DY
PY
2.5
C1
D1
P1
2.6
CTDTPV
2.7
C2
D2
P2
2.8
CZ
DZ
PZ
2.85
C8
D8
P8
3.0
C3
D3
P3
3.3
C4
D4
P5
3.6
C9
D9
P9
4.0
C0
D0
P0
5.0
C6
D6
P7
5
1
4
2
3
1 2 3 4
5-Pin SOT-23
represents part number code +
temperature range and voltage
&
1
2
represents year and quarter code
3
represents lot ID number
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com