Electronic Components Datasheet Search
  English  ▼

X  

TC1186 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1186
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1186 Datasheet HTML 4Page - Microchip Technology TC1186 Datasheet HTML 5Page - Microchip Technology TC1186 Datasheet HTML 6Page - Microchip Technology TC1186 Datasheet HTML 7Page - Microchip Technology TC1186 Datasheet HTML 8Page - Microchip Technology TC1186 Datasheet HTML 9Page - Microchip Technology TC1186 Datasheet HTML 10Page - Microchip Technology TC1186 Datasheet HTML 11Page - Microchip Technology TC1186 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC1054/TC1055/TC1186
DS21350D-page 8
© 2007 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Unregulated Supply Input (VIN)
Connect unregulated input supply to the VIN pin. If
there is a large distance between the input supply and
the LDO regulator, some input capacitance is
necessary for proper operation. A 1 µF capacitor
connected from VIN to ground is recommended for
most applications.
3.2
Ground Terminal (GND)
Connect the unregulated input supply ground return to
GND. Also connect the negative side of the 1 µF typical
input decoupling capacitor close to GND and the
negative side of the output capacitor COUT to GND.
3.3
Shutdown Control Input (SHDN)
The regulator is fully enabled when a logic-high is
applied to SHDN. The regulator enters shutdown when
a logic-low is applied to SHDN. During shutdown,
output voltage falls to zero, ERROR is open-circuited
and supply current is reduced to 0.5 µA (max).
3.4
Out Of Regulation Flag (ERROR)
ERROR goes low when VOUT is out-of-tolerance by
approximately -5%.
3.5
Regulated Voltage Output (VOUT)
Connect the output load to VOUT of the LDO. Also
connect the positive side of the LDO output capacitor
as close as possible to the VOUT pin.
Pin No.
Symbol
Description
1VIN
Unregulated supply input
2
GND
Ground terminal
3SHDN
Shutdown control input
4ERROR
Out-of-Regulation Flag
(Open-drain output)
5VOUT
Regulated voltage output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com