Electronic Components Datasheet Search
  English  ▼

X  

DS26303 Datasheet(PDF) 79 Page - Dallas Semiconductor

Part # DS26303
Description  3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26303 Datasheet(HTML) 79 Page - Dallas Semiconductor

Back Button DS26303 Datasheet HTML 75Page - Dallas Semiconductor DS26303 Datasheet HTML 76Page - Dallas Semiconductor DS26303 Datasheet HTML 77Page - Dallas Semiconductor DS26303 Datasheet HTML 78Page - Dallas Semiconductor DS26303 Datasheet HTML 79Page - Dallas Semiconductor DS26303 Datasheet HTML 80Page - Dallas Semiconductor DS26303 Datasheet HTML 81Page - Dallas Semiconductor DS26303 Datasheet HTML 82Page - Dallas Semiconductor DS26303 Datasheet HTML 83Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
DS26303: 3.3V, T1/E1/J1, Short-Haul, Octal Line Interface Unit
79 of 101
9 THERMAL CHARACTERISTICS
Table 9-1. Thermal Characteristics
PARAMETER
MIN
TYP
MAX
UNITS
Power Dissipation with RIMPMS = 0 (Notes 1, 2)
0.7
1.40
W
Power Dissipation with RIMPMS = 1(Notes 1, 2)
0.9
1.65
W
Ambient Temperature (Note 3)
-40
+85
°C
Junction Temperature
+125
°C
+21.3
(Note 4)
Theta-JA (
θJA) in Still Air for 144-Pin LQFP with Exposed Pad
29.0
(Note 5)
°C/W
Note 1:
RCLK1-n = TCLK1-n = 1.544MHz.
Note 2:
Power dissipation with all ports active, TTIP and TRIN driving a 25
Ω load, for an all-ones data density.
Note 3:
The package is mounted on a four-layer JEDEC standard test board.
Note 4:
Theta-JA (
θJA) is the junction-to-ambient thermal resistance, when the package is mounted on a four-layer JEDEC standard test
board and the die attach pad is soldered to the test board.
Note 5:
Theta-JA (
θJA) is the junction-to-ambient thermal resistance, when the package is mounted on a four-layer JEDEC standard test
board and the die attach pad is not soldered to the test board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com