Electronic Components Datasheet Search
  English  ▼

X  

DS26303 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS26303
Description  3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26303 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS26303 Datasheet HTML 9Page - Dallas Semiconductor DS26303 Datasheet HTML 10Page - Dallas Semiconductor DS26303 Datasheet HTML 11Page - Dallas Semiconductor DS26303 Datasheet HTML 12Page - Dallas Semiconductor DS26303 Datasheet HTML 13Page - Dallas Semiconductor DS26303 Datasheet HTML 14Page - Dallas Semiconductor DS26303 Datasheet HTML 15Page - Dallas Semiconductor DS26303 Datasheet HTML 16Page - Dallas Semiconductor DS26303 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
DS26303: 3.3V, T1/E1/J1, Short-Haul, Octal Line Interface Unit
13 of 101
NAME
PIN
TYPE
FUNCTION
RNEG1/CV1
41
RNEG2/CV2
34
RNEG3/CV3
76
RNEG4/CV4
69
RNEG5/CV5
112
RNEG6/CV6
105
RNEG7/CV7
4
RNEG8/CV8
141
O,
tri-state
Receive Negative-Data Output for Channel 1 to 8/Code
Violation for Channel 1 to 8
RNEG[1:8]:
In dual-rail mode, this output indicates a negative
pulse on RTIPn/RRINGn. If a given receiver is in power-down
mode, the corresponding RNEGn pin is high impedance.
CV[1:8]:
In single-rail mode, bipolar violation, code violation, and
excessive zeros are reported by driving CVn high for one clock
cycle. If HDB3 or B8ZS encoding is not selected, this pin indicates
only BPVs.
Note: During an RLOS condition, the RNEGn/CVn output remains
active.
RCLK1
39
RCLK2
32
RCLK3
78
RCLK4
71
RCLK5
110
RCLK6
103
RCLK7
6
RCLK8
143
O,
tri-state
Receive Clock for Channel 1 to 8.
The receive data
RPOSn/RNEGn or RDATn is clocked out on the rising edge of
RCLKn. RCLKn can be inverted. If a given receiver is in power-
down mode, RCLKn is high impedance.
MCLK
10
I
Master Clock.
This is an independent free-running clock that can
be a multiple of 2.048MHz ±50ppm for E1 mode or 1.544MHz
±50ppm for T1 mode. The clock selection is available by MC bits
MPS0, MPS1, FREQS, and PLLE. A multiple of 2.048MHz can be
internally adapted to 1.544MHz and a multiple of 1.544MHz can
be internally adapted to 2.048MHz. In hardware mode, internal
adaptation is not available so the user must provide 2.048MHz
±50ppm for E1 mode or 1.544MHz ±50ppm for T1 mode.
RLOS1/TECLK
42
O
Loss-of-Signal Output/T1-E1 Clock
RLOS1:
This output goes high when there are no transitions on
the receiveline over a specified interval. The output goes low when
there is sufficient ones density on the receiveline. The RLOS
assertion and desertion criteria are described in the Functional
Description
section. The RLOS outputs can be configured to
comply with T1.231, ITU-T G.775, or ETS 300 233. In hardware
mode, ETS 300 233 “RLOS Criteria” is not available.
TECLK:
When enabled (MC.TECLKE is set), this output becomes
a T1- or E1-programmable clock output. For T1 or E1 frequency
selection, see the CCR register. This option is not available in
hardware mode.
RLOS2
35
RLOS3
75
RLOS4
68
RLOS5
113
RLOS6
106
RLOS7
3
RLOS8
140
O
Loss-of-Signal Output
RLOS[2:8]: RLOS2:
This output goes high when there are no
transitions on the receiveline over a specified interval. The output
goes low when there is sufficient ones density on the receiveline.
The RLOS assertion and desertion criteria are described in the
Functional Description
(Section 6). The RLOS outputs can be
configured to comply with T1.231, ITU-T G.775, or ETS 300 233.
In hardware mode, ETS 300 233 “RLOS Criteria” is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com