Electronic Components Datasheet Search
  English  ▼

X  

DS26303 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS26303
Description  3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26303 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS26303 Datasheet HTML 35Page - Dallas Semiconductor DS26303 Datasheet HTML 36Page - Dallas Semiconductor DS26303 Datasheet HTML 37Page - Dallas Semiconductor DS26303 Datasheet HTML 38Page - Dallas Semiconductor DS26303 Datasheet HTML 39Page - Dallas Semiconductor DS26303 Datasheet HTML 40Page - Dallas Semiconductor DS26303 Datasheet HTML 41Page - Dallas Semiconductor DS26303 Datasheet HTML 42Page - Dallas Semiconductor DS26303 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
DS26303: 3.3V, T1/E1/J1, Short-Haul, Octal Line Interface Unit
39 of 101
Register Name:
EZDE
Register Description:
Excessive Zero Detect Enable Register
Register Address:
05h
Bit #
7
6
5
4
3
2
1
0
Name
EZDE8
EZDE7
EZDE6
EZDE5
EZDE4
EZDE3
EZDE2
EZDE1
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Excessive Zero Detect Enable Channel n (EZDEn).
When this bit is reset, excessive zero detection
is disabled for LIUn. When this bit is set, excessive zero detect is enabled. Excessive zero detection is only
relevant in single-rail mode with HDB3 or B8ZS decoding.
Register Name:
CVDEB
Register Description:
Code Violation Detect Enable Bar Register
Register Address:
06h
Bit #
7
6
5
4
3
2
1
0
Name
CVDEB8
CVDEB7
CVDEB6
CVDEB5
CVDEB4
CVDEB3
CVDEB2
CVDEB1
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Code Violation Detect Enable Bar Channel n (CVDEBn).
If this bit is set, code violation detection is
disabled for the LIUn. If this bit is reset, code violation detection is enabled. Code violation detection is only
relevant with HDB3 decoding. Note that if the GC.CODE bit is set, this register is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com