Electronic Components Datasheet Search
  English  ▼

X  

DS26303 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS26303
Description  3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26303 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS26303 Datasheet HTML 17Page - Dallas Semiconductor DS26303 Datasheet HTML 18Page - Dallas Semiconductor DS26303 Datasheet HTML 19Page - Dallas Semiconductor DS26303 Datasheet HTML 20Page - Dallas Semiconductor DS26303 Datasheet HTML 21Page - Dallas Semiconductor DS26303 Datasheet HTML 22Page - Dallas Semiconductor DS26303 Datasheet HTML 23Page - Dallas Semiconductor DS26303 Datasheet HTML 24Page - Dallas Semiconductor DS26303 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
DS26303: 3.3V, T1/E1/J1, Short-Haul, Octal Line Interface Unit
21 of 101
4.1.2
Serial Port Operation
Setting MODESEL = VDDIO/2 enables the serial bus interface on the DS26303. Port read/write timing is unrelated
to the system transmit and receive timing, allowing asynchronous reads or writes by the host. See Section 10.3 for
the AC timing of the serial port. All serial port accesses are LSB first. See Figure 4-2 to Figure 4-4.
This port is compatible with the SPI interface defined for Motorola processors. An example of this is Motorola’s
MMC2107.
Reading or writing to the internal registers requires writing one address/command byte prior to transferring register
data. The first bit written (LSB) of the address/command byte specifies whether the access is a read (1) or a write
(0). The next 5 bits identify the register address (A1 to A5; A6 and A7 are ignored).
All data transfers are initiated by driving the CSB input low. When CLKE is low, SDO data is output on the rising
edge of SCLK and when CLKE is high, data is output on the falling edge of SCLK. Data is held until the next falling
or rising edge. All data transfers are terminated if CSB input transitions high. Port control logic is disabled and SDO
is tri-stated when CSB is high. SDI is always sampled on the rising edge of SCLK.
Figure 4-2. Serial Port Operation for Write Access
12
34
56
78
9
10
11
12
13
14
15
16
SCLK
CSB
0
A1
A2
A3
A4
A5
A6
X
(msb)
SDI
SDO
D1
D2
D3
D4
D5
D7
(lsb)
(msb)
DO
D6
(lsb)
WRITE ACCESS ENABLED
Figure 4-3. Serial Port Operation for Read Access with CLKE = 0
1
2
3
4
56
78
9
10
11
12
13
14
15
16
0
A1
A2
A3
A4
A5
D1
D2
D3
D4
D5
D6
SCLK
SDI
SDO
CSB
(lsb)
(msb)
D0
(lsb)
D7
(msb)
A6
X
Read
Access
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com