Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 6 Page - Analog Devices

Part # AD822
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD822 Datasheet HTML 2Page - Analog Devices AD822 Datasheet HTML 3Page - Analog Devices AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD822
Data Sheet
Rev. J | Page 6 of 24
VS = ±5 V at TA = 25°C, VCM = 0 V, VOUT = 0 V, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
A Grade
B Grade
Unit
Min
Typ
Max
Min
Typ
Max
DC PERFORMANCE
Initial Offset
0.1
0.8
0.1
0.4
mV
Maximum Offset Over Temperature
0.5
1.5
0.5
1
mV
Offset Drift
2
2
µV/°C
Input Bias Current
VCM = −5 V to +4 V
2
25
2
10
pA
At TMAX
0.5
5
0.5
2.5
nA
Input Offset Current
2
20
2
10
pA
At TMAX
0.5
0.5
nA
Open-Loop Gain
VOUT = −4 V to +4 V
RL = 100 kΩ
400
1000
400
1000
V/mV
TMIN to TMAX
400
400
V/mV
RL = 10 kΩ
80
150
80
150
V/mV
TMIN to TMAX
80
80
V/mV
RL = 1 kΩ
20
30
20
30
V/mV
TMIN to TMAX
10
10
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
f = 0.1 Hz to 10 Hz
2
2
µV p-p
f = 10 Hz
25
25
nV/√Hz
f = 100 Hz
21
21
nV/√Hz
f = 1 kHz
16
16
nV/√Hz
f = 10 kHz
13
13
nV/√Hz
Input Current Noise
f = 0.1 Hz to 10 Hz
18
18
fA p-p
f = 1 kHz
0.8
0.8
fA/√Hz
Harmonic Distortion
RL = 10 kΩ
f = 10 kHz
VOUT = ±4.5 V
−93
−93
dB
DYNAMIC PERFORMANCE
Unity-Gain Frequency
1.9
1.9
MHz
Full Power Response
VOUT p-p = 9 V
105
105
kHz
Slew Rate
3
3
V/µs
Settling Time
to 0.1%
VOUT = 0 V to ±4.5 V
1.4
1.4
µs
to 0.01%
VOUT = 0 V to ±4.5 V
1.8
1.8
µs
MATCHING CHARACTERISTICS
Initial Offset
1.0
0.5
mV
Maximum Offset Over Temperature
3
2
mV
Offset Drift
3
3
µV/°C
Input Bias Current
25
10
pA
Crosstalk @ f = 1 kHz
RL = 5 kΩ
−130
−130
dB
Crosstalk @ f = 100 kHz
RL = 5 kΩ
−93
−93
dB
INPUT CHARACTERISTICS
Input Voltage Range1, TMIN to TMAX
−5.2
+4
−5.2
+4
V
Common-Mode Rejection Ratio (CMRR)
VCM = −5 V to +2 V
66
80
69
80
dB
TMIN to TMAX
VCM = −5 V to +2 V
66
66
dB
Input Impedance
Differential
1013||0.5
1013||0.5
Ω||pF
Common Mode
1013||2.8
1013||2.8
Ω||pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com