Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 14 Page - Analog Devices

Part # AD822
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices AD822 Datasheet HTML 13Page - Analog Devices AD822 Datasheet HTML 14Page - Analog Devices AD822 Datasheet HTML 15Page - Analog Devices AD822 Datasheet HTML 16Page - Analog Devices AD822 Datasheet HTML 17Page - Analog Devices AD822 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD822
Data Sheet
Rev. J | Page 14 of 24
TEMPERATURE (°C)
1000
100
1
–60
140
–40
–20
0
20
40
60
80
100
120
10
ISOURCE = 10mA
ISINK = 10mA
ISOURCE = 1mA
ISINK = 1mA
ISOURCE = 10µA
ISINK = 10µA
Figure 22. Output Saturation Voltage vs. Temperature
TEMPERATURE (°C)
80
40
0
–60
140
–40
–20
0
20
40
60
80
100
120
70
60
20
10
50
30
+
–
–
+
+
–OUT
VS = ±15V
VS = ±15V
VS = 0V, +5V
VS = 0V, +3V
VS = 0V, +5V
VS = 0V, +3V
Figure 23. Short-Circuit Current Limit vs. Temperature
TOTAL SUPPLY VOLTAGE (V)
1600
0
4
1400
800
600
400
200
1200
1000
T = +125°C
T = +25°C
T = –55°C
36
32
28
24
20
16
12
0
8
Figure 24. Quiescent Current vs. Supply Voltage vs. Temperature
FREQUENCY (Hz)
100
0
10
10M
100
1k
10k
100k
1M
90
60
30
20
10
80
70
50
40
+PSRR
–PSRR
Figure 25. Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
30
25
0
10k
10M
100k
1M
20
15
10
5
VS = ±15V
VS = 0V, +5V
VS = 0V, +3V
RL = 2kΩ
Figure 26. Large Signal Frequency Response
AMBIENT TEMPERATURE (°C)
2.4
1.2
0.4
–60
–40
–20
0
20
40
60
80
2.2
1.4
1.0
0.6
1.8
1.6
0.8
2.0
0.2
0
8-LEAD PDIP
8-LEAD SOIC
8-LEAD MSOP
Figure 27. Maximum Power Dissipation vs. Temperature for Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com