Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 11 Page - Analog Devices

Part # AD822
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices AD822 Datasheet HTML 13Page - Analog Devices AD822 Datasheet HTML 14Page - Analog Devices AD822 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD822
Rev. J | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
OFFSET VOLTAGE (mV)
70
0
–0.5
–0.4
–0.3
–0.2
–0.1
0
60
50
40
30
20
10
0.1
0.2
0.3
0.4
0.5
VS = 0V, 5V
Figure 4. Typical Distribution of Offset Voltage (390 Units)
OFFSET VOLTAGE DRIFT (µV/°C)
16
6
0
–12
10
–10
–8
–6
–4
–2
14
8
4
2
12
10
8
6
4
2
0
VS = ±5V
VS = ±15V
Figure 5. Typical Distribution of Offset Voltage Drift (100 Units)
INPUT BIAS CURRENT (pA)
50
20
0
1
45
25
15
5
35
30
10
40
0
2
3
4
5
6
7
8
9
10
Figure 6. Typical Distribution of Input Bias Current (213 Units)
COMMON-MODE VOLTAGE (V)
5
0
–5
–5
5
–4
–3
–2
–1
0
1
2
3
4
VS = ±5V
VS = 0V, +5V AND ±5V
Figure 7. Input Bias Current vs. Common-Mode Voltage; VS = 5 V, 0 V, and
VS = ±5 V
COMMON-MODE VOLTAGE (V)
1k
100
0.1
–16
16
–12
–8
–4
0
4
8
12
10
1
Figure 8. Input Bias Current vs. Common-Mode Voltage; VS = ±15 V
TEMPERATURE (°C)
100k
0.1
20
140
40
60
80
100
120
10k
1k
100
10
1
Figure 9. Input Bias Current vs. Temperature; VS = 5 V, VCM = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com