Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 18 Page - Analog Devices

Part # AD822
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD822 Datasheet HTML 14Page - Analog Devices AD822 Datasheet HTML 15Page - Analog Devices AD822 Datasheet HTML 16Page - Analog Devices AD822 Datasheet HTML 17Page - Analog Devices AD822 Datasheet HTML 18Page - Analog Devices AD822 Datasheet HTML 19Page - Analog Devices AD822 Datasheet HTML 20Page - Analog Devices AD822 Datasheet HTML 21Page - Analog Devices AD822 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD822
Data Sheet
Rev. J | Page 18 of 24
APPLICATIONS INFORMATION
INPUT CHARACTERISTICS
In the AD822, N-channel JFETs are used to provide a low offset,
low noise, high impedance input stage. Minimum input common-
mode voltage extends from 0.2 V below −VS to 1 V less than +VS.
Driving the input voltage closer to the positive rail causes a loss
of amplifier bandwidth (as can be seen by comparing the large
signal responses shown in Figure 34 and Figure 37) and increased
common-mode voltage error as illustrated in Figure 20.
The AD822 does not exhibit phase reversal for input voltages up
to and including +VS. Figure 42 shows the response of an AD822
voltage follower to a 0 V to 5 V (+VS) square wave input. The
input and output are superimposed. The output tracks the input
up to +VS without phase reversal. The reduced bandwidth above a
4 V input causes the rounding of the output waveform. For input
voltages greater than +VS, a resistor in series with the AD822
noninverting input prevents phase reversal, at the expense of
greater input voltage noise. This is illustrated in Figure 42.
Because the input stage uses N-channel JFETs, input current
during normal operation is negative; the current flows out from
the input terminals. If the input voltage is driven more positive
than +VS − 0.4 V, then the input current reverses direction as
internal device junctions become forward biased. This is illustrated
in Figure 7.
A current-limiting resistor should be used in series with the input
of the AD822 if there is a possibility of the input voltage exceeding
the positive supply by more than 300 mV, or if an input voltage is
applied to the AD822 when +VS or −VS = 0 V. The amplifier is
damaged if left in that condition for more than 10 seconds. A 1 kΩ
resistor allows the amplifier to withstand up to 10 V of continuous
overvoltage and increases the input voltage noise by a negligible
amount.
Input voltages less than −VS are different. The amplifier can safely
withstand input voltages 20 V below the negative supply voltage
if the total voltage from the positive supply to the input terminal
is less than 36 V. In addition, the input stage typically maintains
picoampere (pA) level input currents across that input
voltage range.
The AD822 is designed for 13 nV/√Hz wideband input voltage
noise and maintains low noise performance to low frequencies
(refer to Figure 14). This noise performance, along with the AD822
low input current and current noise, means that the AD822
contributes negligible noise for applications with source resistances
greater than 10 kΩ and signal bandwidths greater than 1 kHz.
This is illustrated in Figure 43.
100k
0.1
10k
1k
100
10
1
WHENEVER JOHNSON NOISE IS GREATER THAN
AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE
CONSIDERED NEGLIGIBLE FOR APPLICATION.
1kHz
AMPLIFIER-GENERATED
NOISE
10Hz
10k
100k
1M
10M
100M
1G
10G
SOURCE IMPEDANCE (Ω)
RESISTOR JOHNSON
NOISE
Figure 43. Total Noise vs. Source Impedance
OUTPUT CHARACTERISTICS
The AD822 unique bipolar rail-to-rail output stage swings within
5 mV of the negative supply and 10 mV of the positive supply with
no external resistive load. The approximate output saturation
resistance of the AD822 is 40 Ω sourcing and 20 Ω sinking, which
can be used to estimate output saturation voltage when driving
heavier current loads. For instance, when sourcing 5 mA, the
saturation voltage to the positive supply rail is 200 mV; when
sinking 5 mA, the saturation voltage to the negative rail is 100 mV.
The open-loop gain characteristic of the amplifier changes as a
function of resistive load, as shown in Figure 10 to Figure 13. For
load resistances over 20 kΩ, the AD822 input error voltage is
virtually unchanged until the output voltage is driven to 180 mV of
either supply.
If the AD822 output is overdriven so that either of the output
devices are saturated, the amplifier recovers within 2 μs of the
input returning to the linear operating region of the amplifier.
Direct capacitive loads interact with the effective output
impedance of the amplifier to form an additional pole in the
amplifier feedback loop, which can cause excessive peaking on
the pulse response or loss of stability. The worst case occurs
when the amplifier is used as a unity-gain follower. Figure 44
shows the AD822 pulse response as a unity-gain follower
driving 350 pF. This amount of overshoot indicates approximately
20° of phase margin—the system is stable, but nearing the edge.
Configurations with less loop gain, and as a result less loop
bandwidth, are much less sensitive to capacitance load effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com