Electronic Components Datasheet Search
  English  ▼

X  

AD8552 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8552 Datasheet HTML 2Page - Analog Devices AD8552 Datasheet HTML 3Page - Analog Devices AD8552 Datasheet HTML 4Page - Analog Devices AD8552 Datasheet HTML 5Page - Analog Devices AD8552 Datasheet HTML 6Page - Analog Devices AD8552 Datasheet HTML 7Page - Analog Devices AD8552 Datasheet HTML 8Page - Analog Devices AD8552 Datasheet HTML 9Page - Analog Devices AD8552 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8551/AD8552/AD8554
Data Sheet
Rev. F | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
OFFSET VOLTAGE (µV)
180
0
–2.5
0.5
120
100
60
20
2.5
40
80
140
160
–1.5
–0.5
1.5
VSY = 2.7V
VCM = 1.35V
TA = 25°C
Figure 7. Input Offset Voltage Distribution at 2.7 V
INPUT COMMON-MODE VOLTAGE (V)
50
–30
5
40
30
20
–10
–20
10
0
VSY = 5V
TA = –40°C, +25°C, +85°C
+85°C
+25°C
–40°C
0
1
2
3
4
Figure 8. Input Bias Current vs. Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE (V)
1500
–2000
1000
500
0
–1000
–1500
–500
0
1
2
3
4
5
VSY = 5V
TA = 125°C
Figure 9. Input Bias Current vs. Common-Mode Voltage
180
0
120
100
60
20
40
80
140
160
–2.5
–1.5
–0.5
1.5
OFFSET VOLTAGE (µV)
0.5
2.5
VSY = 5V
VCM = 2.5V
TA = 25°C
Figure 10. Input Offset Voltage Distribution at 5 V
12
0
10
8
4
2
6
INPUT OFFSET DRIFT (nV/°C)
0
1
2
3
4
5
6
VSY = 5V
VCM = 2.5V
TA = –40°C TO +125°C
Figure 11. Input Offset Voltage Drift Distribution at 5 V
LOAD CURRENT (mA)
10
0.1
1
100
10k
1k
0.0001
0.001
0.01
0.1
1
10
100
VSY = 5V
TA = 25°C
SOURCE
SINK
Figure 12. Output Voltage to Supply Rail vs. Load Current at 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com