Electronic Components Datasheet Search
  English  ▼

X  

AD8552 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8552 Datasheet HTML 4Page - Analog Devices AD8552 Datasheet HTML 5Page - Analog Devices AD8552 Datasheet HTML 6Page - Analog Devices AD8552 Datasheet HTML 7Page - Analog Devices AD8552 Datasheet HTML 8Page - Analog Devices AD8552 Datasheet HTML 9Page - Analog Devices AD8552 Datasheet HTML 10Page - Analog Devices AD8552 Datasheet HTML 11Page - Analog Devices AD8552 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8551/AD8552/AD8554
Data Sheet
Rev. F | Page 8 of 24
FREQUENCY (Hz)
60
50
–40
40
30
20
10
0
–10
–20
–30
10k
100k
1M
10M
100
VSY = 2.7V
CL = 0pF
RL = 2kΩ
AV = –100
AV = –10
AV = +1
1k
Figure 19. Closed-Loop Gain vs. Frequency at 2.7 V
FREQUENCY (Hz)
60
50
–40
40
30
20
10
0
–10
–20
–30
10k
100k
1M
10M
100
VSY = 5V
CL = 0pF
RL = 2kΩ
AV = –100
AV = –10
AV = +1
1k
Figure 20. Closed-Loop Gain vs. Frequency at 5 V
300
270
0
240
210
180
150
120
90
60
30
FREQUENCY (Hz)
10k
100k
1M
10M
100
1k
VSY = 2.7V
AV = 100
AV = 10
AV = 1
Figure 21. Output Impedance vs. Frequency at 2.7 V
300
270
0
240
210
180
150
120
90
60
30
FREQUENCY (Hz)
10k
100k
1M
10M
100
1k
VSY = 5V
AV = 100
AV = 10
AV = 1
Figure 22. Output Impedance vs. Frequency at 5 V
2µs
VSY = 2.7V
CL = 300pF
RL = 2kΩ
AV = 1
500mV
Figure 23. Large Signal Transient Response at 2.7 V
5µs
VSY = 5V
CL = 300pF
RL = 2kΩ
AV = 1
1V
Figure 24. Large Signal Transient Response at 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com