Electronic Components Datasheet Search
  English  ▼

X  

AD8552 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8552 Datasheet HTML 11Page - Analog Devices AD8552 Datasheet HTML 12Page - Analog Devices AD8552 Datasheet HTML 13Page - Analog Devices AD8552 Datasheet HTML 14Page - Analog Devices AD8552 Datasheet HTML 15Page - Analog Devices AD8552 Datasheet HTML 16Page - Analog Devices AD8552 Datasheet HTML 17Page - Analog Devices AD8552 Datasheet HTML 18Page - Analog Devices AD8552 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8551/AD8552/AD8554
Rev. F | Page 15 of 24
Amplification Phase
When the φB switches close and the φA switches open for the
amplification phase, this offset voltage remains on CM1 and,
essentially, corrects any error from the nulling amplifier. The
voltage across CM1 is designated as VNA. Furthermore, VIN is
designated as the potential difference between the two inputs to
the primary amplifier, or VIN = (VIN+ − VIN−). Thus, the nulling
amplifier can be expressed as
[ ]
[ ]
(
)
[ ]
t
V
B
t
V
t
V
A
t
V
NA
A
OSA
IN
A
OA
−
−
=
]
[
(3)
+
AB
BB
CM2
VIN+
VNB
CM1
VOA
–BA
VNA
ФB
ФA
AA
VOSA
ФB
ФA
VOUT
VIN–
Figure 51. Output Phase of the Amplifier
Because φA is now open and there is no place for CM1 to discharge,
the voltage (VNA), at the present time (t), is equal to the voltage
at the output of the nulling amp (VOA) at the time when φA was
closed. If the period of the autocorrection switching frequency is
labeled tS, then the amplifier switches between phases every 0.5 × tS.
Therefore, in the amplification phase
[ ]


 −
=
S
NA
NA
t
t
V
t
V
2
1
(4)
Substituting Equation 4 and Equation 2 into Equation 3 yields
[ ]
[ ]
[ ]
A
S
OSA
A
A
OSA
A
IN
A
OA
B
t
t
V
B
A
t
V
A
t
V
A
t
V
+


 −
−
+
=
1
2
1
(5)
For the sake of simplification, assume that the autocorrection
frequency is much faster than any potential change in VOSA or
VOSB. This is a valid assumption because changes in offset voltage
are a function of temperature variation or long-term wear time,
both of which are much slower than the auto-zero clock frequency
of the AD8551/AD8552/AD8554. This effectively renders VOS
time invariant; therefore, Equation 5 can be rearranged and
rewritten as
[ ]
[ ]
(
)
A
OSA
A
A
OSA
A
A
IN
A
OA
B
V
B
A
V
B
A
t
V
A
t
V
+
−
+
+
=
1
1
(6)
or
[ ]
[ ]


+
+
=
A
OSA
IN
A
OA
B
V
t
V
A
t
V
1
(7)
From these equations, the auto-zeroing action becomes evident.
Note the VOS term is reduced by a 1 + BA factor. This shows how
the nulling amplifier has greatly reduced its own offset voltage
error even before correcting the primary amplifier. This results
in the primary amplifier output voltage becoming the voltage at
the output of the AD8551/AD8552/AD8554 amplifiers. It is
equal to
[ ]
[ ]
(
)
NB
B
OSB
IN
B
OUT
V
B
V
t
V
A
t
V
+
+
=
(8)
In the amplification phase, VOA = VNB, so this can be rewritten as
[ ]
[ ]
[ ]


+
+
+
+
=
A
OSB
IN
A
B
OSB
B
IN
B
OUT
B
V
t
V
A
B
V
A
t
V
A
t
V
1
(9)
Combining terms,
[ ]
[ ]
(
)
OSA
B
A
OSA
A
A
B
B
B
IN
OUT
V
A
B
V
B
A
B
A
A
t
V
t
V
+
+
+
+
=
1
(10)
The AD8551/AD8552/AD8554 architecture is optimized in
such a way that
AA = AB and BA = BB and BA >> 1
Also, the gain product of AABB is much greater than AB. These
allow Equation 10 to be simplified to
[ ]
[ ]
(
)
OSB
OSA
A
A
A
IN
OUT
V
V
A
B
A
t
V
t
V
+
+
≈
(11)
Most obvious is the gain product of both the primary and nulling
amplifiers. This AABA term is what gives the AD8551/AD8552/
AD8554 its extremely high open-loop gain. To understand how
VOSA and VOSB relate to the overall effective input offset voltage of
the complete amplifier, establish the generic amplifier equation of
(
)
EFF
OS
IN
OUT
V
V
k
V
,
+
×
=
(12)
where k is the open-loop gain of an amplifier and VOS, EFF is its
effective offset voltage.
Putting Equation 12 into the form of Equation 11 gives
[ ]
[ ]
A
A
EFF
OS
A
A
IN
OUT
B
A
V
B
A
t
V
t
V
,
+
≈
(13)
Thus, it is evident that
A
OSB
OSA
EFF
OS
B
V
V
V
+
≈
,
(14)
The offset voltages of both the primary and nulling amplifiers
are reduced by the Gain Factor BA. This takes a typical input
offset voltage from several millivolts down to an effective input
offset voltage of submicrovolts. This autocorrection scheme is
the outstanding feature of the AD8551/AD8552/AD8554 series
that continues to earn the reputation of being among the most
precise amplifiers available on the market.
HIGH GAIN, CMRR, PSRR
Common-mode and power supply rejection are indications of
the amount of offset voltage an amplifier has as a result of a change
in its input common-mode or power supply voltages. As shown
in the previous section, the autocorrection architecture of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com