Electronic Components Datasheet Search
  English  ▼

X  

AD8552 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 1 Page - Analog Devices

  AD8552 Datasheet HTML 1Page - Analog Devices AD8552 Datasheet HTML 2Page - Analog Devices AD8552 Datasheet HTML 3Page - Analog Devices AD8552 Datasheet HTML 4Page - Analog Devices AD8552 Datasheet HTML 5Page - Analog Devices AD8552 Datasheet HTML 6Page - Analog Devices AD8552 Datasheet HTML 7Page - Analog Devices AD8552 Datasheet HTML 8Page - Analog Devices AD8552 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Zero-Drift, Single-Supply, Rail-to-Rail
Input/Output Operational Amplifiers
Data Sheet
AD8551/AD8552/AD8554
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1999–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 1 μV
Input offset drift: 0.005 μV/°C
Rail-to-rail input and output swing
5 V/2.7 V single-supply operation
High gain, CMRR, PSRR: 130 dB
Ultralow input bias current: 20 pA
Low supply current: 700 μA/op amp
Overload recovery time: 50 μs
No external capacitors required
APPLICATIONS
Temperature sensors
Pressure sensors
Precision current sensing
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
GENERAL DESCRIPTION
This family of amplifiers has ultralow offset, drift, and bias
current. The AD8551, AD8552, and AD8554 are single, dual,
and quad amplifiers featuring rail-to-rail input and output swings.
All are guaranteed to operate from 2.7 V to 5 V with a single supply.
The AD8551/AD8552/AD8554 provide the benefits previously
found only in expensive auto-zeroing or chopper-stabilized
amplifiers. Using Analog Devices, Inc. topology, these new
zero-drift amplifiers combine low cost with high accuracy. No
external capacitors are required.
With an offset voltage of only 1 μV and drift of 0.005 μV/°C, the
AD8551/AD8552/AD8554 are perfectly suited for applications
in which error sources cannot be tolerated. Temperature,
position and pressure sensors, medical equipment, and strain
gage amplifiers benefit greatly from nearly zero drift over their
operating temperature range. The rail-to-rail input and output
swings provided by the AD8551/AD8552/AD8554 make both
high-side and low-side sensing easy.
The AD8551/AD8552/AD8554 are specified for the extended
industrial/automotive temperature range (−40°C to +125°C).
The AD8551 single amplifier is available in 8-lead MSOP and
8-lead narrow SOIC packages. The AD8552 dual amplifier is
available in 8-lead narrow SOIC and 8-lead TSSOP surface-
mount packages. The AD8554 quad is available in 14-lead
narrow SOIC and 14-lead TSSOP packages.
PIN CONFIGURATIONS
–IN A
+IN A
V–
V+
OUT A
NC
NC
NC = NO CONNECT
NC
1
8
AD8551
4
5
Figure 1. 8-Lead MSOP (RM Suffix)
–IN A
V–
+IN A
V+
OUT A
NC
NC
NC
NC = NO CONNECT
AD8551
1
2
3
4
8
7
6
5
Figure 2. 8-Lead SOIC (R Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
OUT A
V+
1
8
AD8552
4
5
Figure 3. 8-Lead TSSOP (RU Suffix)
–IN A
V–
+IN A
OUT B
–IN B
V+
+IN B
OUT A
AD8552
1
2
3
4
8
7
6
5
Figure 4. 8-Lead SOIC (R Suffix)
OUT A
–IN A
+IN A
V+
–IN D
+IN D
V–
OUT D
+IN B
–IN B
OUT B
–IN C
OUT C
+IN C
AD8554
1
14
7
8
Figure 5. 14-Lead TSSOP (RU Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A
AD8554
Figure 6. 14-Lead SOIC (R Suffix)


Similar Part No. - AD8552

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8552 AD-AD8552 Datasheet
262Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8552 AD-AD8552 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8552AR AD-AD8552AR Datasheet
262Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8552AR AD-AD8552AR Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8552AR AD-AD8552AR Datasheet
440Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results

Similar Description - AD8552

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8551 AD-AD8551 Datasheet
262Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com