Electronic Components Datasheet Search
  English  ▼

X  

TDA8961 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8961
Description  ATSC Digital Terrestrial TV demodulator/decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8961 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8961 Datasheet HTML 4Page - NXP Semiconductors TDA8961 Datasheet HTML 5Page - NXP Semiconductors TDA8961 Datasheet HTML 6Page - NXP Semiconductors TDA8961 Datasheet HTML 7Page - NXP Semiconductors TDA8961 Datasheet HTML 8Page - NXP Semiconductors TDA8961 Datasheet HTML 9Page - NXP Semiconductors TDA8961 Datasheet HTML 10Page - NXP Semiconductors TDA8961 Datasheet HTML 11Page - NXP Semiconductors TDA8961 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
2000 May 19
8
Philips Semiconductors
Objective specification
ATSC Digital Terrestrial TV
demodulator/decoder
TDA8961
PDOCLK
41
O
transport stream interface packet data clock signal (3-state)
VSSQ1
42
−
I/O ground 1
PDO7
43
O
transport stream interface packet data bit 7 (3-state)
PDO6
44
O
transport stream interface packet data bit 6 (3-state)
PDO5
45
O
transport stream interface packet data bit 5 (3-state)
VDDQ2
46
−
I/O supply voltage 2 (3.3 V)
PDO4
47
O
transport stream interface packet data bit 4 (3-state)
PDO3
48
O
transport stream interface packet data bit 3 (3-state)
PDO2
49
O
transport stream interface packet data bit 2 (3-state)
VSSQ2
50
−
I/O ground 2
PDO1
51
O
transport stream interface packet data bit 1(3-state)
PDO0
52
O
transport stream interface packet data bit 0 (3-state)
VDDQ3
53
−
I/O supply 3 (3.3 V)
n.c.
54
not connected
n.c.
55
not connected
VSSQ3
56
−
I/O ground 3
n.c.
57
not connected
n.c.
58
not connected
n.c.
59
not connected
VDDQ4
60
−
I/O supply 4 (3.3 V)
n.c.
61
not connected
n.c.
62
not connected
n.c.
63
not connected
VSSQ4
64
−
I/O ground 4
n.c.
65
not connected
AGCOUT
66
O
AGC control (3-state)
FSHNDSHK
67
O
field sync strobe or symbol capture memory handshake signal
VDDA1
68
−
analog supply voltage (3.3 V)
XTALI
69
I
external crystal
XTALO
70
O
external crystal
VSSA1
71
−
analog ground 1
VDDA2
72
−
analog supply 2 (3.3 V)
n.c.
73
not connected
VDDQ5
74
−
I/O supply 5 (3.3 V)
CLK36
75
O
36 MHz clock signal
VSSQ5
76
−
I/O ground 5
RST_AN
77
I
asynchronous reset (active LOW)
LOCKINDIC
78
O
front-end lock indicator
EQLOCKINDIC
79
O
equalizer lock indicator
ADCLK
80
I
incoming data sampling clock signal (36 MHz)
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com