Electronic Components Datasheet Search
  English  ▼

X  

TDA8961 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8961
Description  ATSC Digital Terrestrial TV demodulator/decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8961 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8961 Datasheet HTML 17Page - NXP Semiconductors TDA8961 Datasheet HTML 18Page - NXP Semiconductors TDA8961 Datasheet HTML 19Page - NXP Semiconductors TDA8961 Datasheet HTML 20Page - NXP Semiconductors TDA8961 Datasheet HTML 21Page - NXP Semiconductors TDA8961 Datasheet HTML 22Page - NXP Semiconductors TDA8961 Datasheet HTML 23Page - NXP Semiconductors TDA8961 Datasheet HTML 24Page - NXP Semiconductors TDA8961 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
2000 May 19
21
Philips Semiconductors
Objective specification
ATSC Digital Terrestrial TV
demodulator/decoder
TDA8961
Table 8
General settings (write)
Notes
1. Operating modes and control parameters of all sections in the TDA8961 are not affected.
2. Operating modes and control parameters of all sections in the TDA8961 are reset to their initial values.
Table 9
Sample rate converter settings (write)
Table 10 AGC settings (write)
BIT NAME
BIT VALUE
DESCRIPTION
INITIAL_RESET
0
normal operation (default)
1
initial reset; note 1
GNRL_RESET
0
normal operation (default)
1
general reset; note 2
BE_RESET
0
normal operation (default)
1
backend reset
EQ_RESET
0
normal operation (default)
1
equalizer reset
EQ_FREEZE
0
normal operation (default)
1
equalizer adaptation freeze
EQ_RST_DISABLE
0
normal operation (default)
1
equalizer reset disable
FE_RST_DISABLE
0
normal operation (default)
1
front-end reset disable
SR_RESET
0
normal operation (default)
1
reset sync recovery section
AGC_RESET
0
normal operation (default)
1
reset input AGC
TR_RESET
0
normal operation (default)
1
reset the timing recovery
CR_RESET
0
normal operation (default)
1
carrier recovery reset enable
BIT NAME
BIT VALUE
DESCRIPTION
AD_FMT
0
two’s complement
1
binary (default)
BIT NAME
BIT VALUE
DESCRIPTION
AGC_SAMPLES
0
average over 64 samples (default)
1
average over 256 samples
AGC_DIR
0
AGC operation compatible with TDA8980 (default)
1
AGC operation compatible with TDA9819/9829
AGC_TR_LOW
−
AGC threshold value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com