Electronic Components Datasheet Search
  English  ▼

X  

TDA8961 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8961
Description  ATSC Digital Terrestrial TV demodulator/decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8961 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8961 Datasheet HTML 9Page - NXP Semiconductors TDA8961 Datasheet HTML 10Page - NXP Semiconductors TDA8961 Datasheet HTML 11Page - NXP Semiconductors TDA8961 Datasheet HTML 12Page - NXP Semiconductors TDA8961 Datasheet HTML 13Page - NXP Semiconductors TDA8961 Datasheet HTML 14Page - NXP Semiconductors TDA8961 Datasheet HTML 15Page - NXP Semiconductors TDA8961 Datasheet HTML 16Page - NXP Semiconductors TDA8961 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2000 May 19
13
Philips Semiconductors
Objective specification
ATSC Digital Terrestrial TV
demodulator/decoder
TDA8961
Transport stream interface
INTRODUCTION
The transport stream interface performs the following
functions:
• Buffers the data from the Reed Solomon decoder and
de-randomizer section
• Inserts the MPEG sync byte at the start of every packet
• Indicates error conditions using a
transport_error_indicator bit in the packet header and
the error signal output PDOERR.
• Outputs either a serial or a parallel output format.
PINNING
The functions of the transport stream interface outputs are
summarized in Table 3. It should be noted that different
source decoder devices may have different uses for the
PDOERR output; its polarity is programmable using
I2C-bus bit FPBP (see Table 14).
PARALLEL OUTPUT FORMAT
Figure 5 shows the timing diagram for the parallel output
format. The PDOSYNC signal indicates the occurrence of
the sync byte in the packet and is only HIGH for one clock
period. The polarity of the PDOVAL and PDOERR signals
is programmable via I2C-bus bits FDVP and FPBP
respectively; Fig.5 shows their default polarities.
The PDOVAL signal is active for the duration of the
188 bytes of the transport stream packet. When the
188 bytes have been transferred, the PDOVAL signal
goes LOW for at least ten PDOCLK cycles during which,
when used with DVB devices, the parity bytes are
transferred; when used with non-DVB devices, zeroed
parity bytes and field sync data are transferred.
The period when the PDOVAL signal is LOW can vary, but
will be a minimum of ten PDOCLK cycles. Due to the
averaging operation of the FIFO, the number of parity
bytes transferred can vary slightly. The PDOCLK signal
runs continuously and is not affected by a reset. In parallel
output format, it has a frequency of 3 MHz.
When the TDA8961 is trying to acquire a channel, the
PDOERR signal goes HIGH (I2C-bus bit FPBP = 1). If this
occurs, the PDOVAL signal stays LOW.
SERIAL OUTPUT FORMAT
Figure 6 shows the timing diagram for the serial output
format. The LSB of the 8-bit PDO data bus is used to
output the MPEG-2 transport stream packets.
The PDOSYNC signal indicates the occurrence of the
sync byte in the packet and is only HIGH during
8 PDOCLK cycles. The polarity of the PDOVAL and
PDOERR signals is programmable via I2C-bus bits FDVP
and FPBP respectively; Fig.6 shows their default
polarities.
The PDOVAL signal is active for the duration of the
188 bytes of the transport stream packet. When the
188 bytes have been transferred, the PDOVAL signal
goes LOW for a period corresponding to the duration of the
parity and field sync information. Figure 6 shows the
PDOERR signal is HIGH for the whole packet length
indicating that the packet contains errors. The PDOCLK
signal has a frequency of 27 MHz.
Table 3
Transport stream interface outputs
All pins are 3-state outputs.
Note
1. In serial output format, only pin PDO0 (LSB) is used to output the data.
SYMBOL
FUNCTION
PDOCLK
clock signal for MPEG-2 packet data bytes (parallel and serial)
PDOVAL
indicates a valid data signal
PDO7 to PDO0
packet data bits 7 to 0 (8-bit wide output bus)(1)
PDOSYNC
indicates the start of a packet; goes HIGH at the start of a packet and stays HIGH during the first
byte, otherwise known as the sync byte
PDOERR
indicates packet error; goes HIGH (I2C-bus bit FPBP = 1) for every packet (188 bytes) in which the
Reed Solomon decoder found more errors than it could correct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com