Electronic Components Datasheet Search
  English  ▼

X  

TDA8961 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8961
Description  ATSC Digital Terrestrial TV demodulator/decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8961 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8961 Datasheet HTML 22Page - NXP Semiconductors TDA8961 Datasheet HTML 23Page - NXP Semiconductors TDA8961 Datasheet HTML 24Page - NXP Semiconductors TDA8961 Datasheet HTML 25Page - NXP Semiconductors TDA8961 Datasheet HTML 26Page - NXP Semiconductors TDA8961 Datasheet HTML 27Page - NXP Semiconductors TDA8961 Datasheet HTML 28Page - NXP Semiconductors TDA8961 Datasheet HTML 29Page - NXP Semiconductors TDA8961 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
2000 May 19
26
Philips Semiconductors
Objective specification
ATSC Digital Terrestrial TV
demodulator/decoder
TDA8961
AC CHARACTERISTICS
VDD = 3.3 V; VSS =0V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
System clock (pin XTALI)
fclk(sys)
system clock frequency
note 1
−
12
−
MHz
δ
clk(sys)
system clock duty factor
note 1
−
50
−
%
A/D interface (pins ADIN[9 to 0] and ADCLK); see Fig.11
tsu(A/D)
A/D interface set-up time
5
−−
ns
th(A/D)
A/D interface hold time
5
−−
ns
Tcy(ADCLK)
ADCLK cycle time
27.8
−−
ns
Transport stream interface (pins PDOCLK, PDO[7 to 0], PDOSYNC, PDOERR and PDOVAL)
tPDOCLKL(par)
transport stream interface
PDOCLK LOW time; parallel format
notes 2 and 3
166.7
−−
ns
tPDOCLKH(par)
transport stream interface
PDOCLK HIGH time;
parallel format
notes 2 and 3
166.7
−−
ns
Tcy(PDOCLK)(par) transport stream interface
PDOCLK cycle time; parallel format
notes 2 and 3
333.3
−−
ns
tPDOVALH(par)
transport stream interface PDOVAL
HIGH time; parallel format
notes 3 and 4
62666.7
−−
ns
tPDOVALL(par)
transport stream interface PDOVAL
LOW time; parallel format
note 3
−−
−
ns
t
d(o)(par)
delay between transport stream
interface outputs PDO to PDOVAL,
PDOERR and PDOSYNC;
parallel format
note 3
0
−−
ns
tPDOCLKL(ser)
transport stream interface
PDOCLK LOW time; serial format
notes 5 and 6
18.5
−−
ns
tPDOCLKH(ser)
transport stream interface
PDOCLK HIGH time; serial format
notes 5 and 6
18.5
−−
ns
Tcy(PDOCLK)(ser) transport stream interface
PDOCLK cycle time; serial format
notes 5 and 6
37.0
−−
ns
tPDOSYNCH(ser)
transport stream interface
PDOSYNC HIGH time;
serial format
note 5
296.3
−−
ns
tPDOVALH(ser)
transport stream interface PDOVAL
HIGH; serial format
notes 5 and 7
55703.7
−−
ns
tPDOVALL(ser)
transport stream interface PDOVAL
LOW; serial format
note 5
−−
−
ns
td(o)(ser)
delay between transport stream
interface outputs PDO to PDOVAL,
PDOERR and PDOSYNC;
serial format
note 5
0
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com