Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM8074
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 8Page - Analog Devices LTM8074 Datasheet HTML 9Page - Analog Devices LTM8074 Datasheet HTML 10Page - Analog Devices LTM8074 Datasheet HTML 11Page - Analog Devices LTM8074 Datasheet HTML 12Page - Analog Devices LTM8074 Datasheet HTML 13Page - Analog Devices LTM8074 Datasheet HTML 14Page - Analog Devices LTM8074 Datasheet HTML 15Page - Analog Devices LTM8074 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTM4703
12
Rev. 0
For more information www.analog.com
PG (Pin F2): Output Power Good Indicator. The PG pin is
the open-drain output of an internal comparator. The PG
pin remains low until the VOSNS pin is within ±7.5% of the
final regulation voltage, and there are no fault conditions.
The PG is also pulled low when RUN is below 1V, INTVCC
has fallen too low, SVIN is too low, or during the thermal
shutdown. The PG pin is valid when SVIN is above 3V.
SW (Pin F6): Switching node of the LTM4703. This pin
is for test purposes only. Do not load the SW pin with
external circuitry.
CLKOUT (Pin F7): Output Clock Signal for PolyPhase®
Operation. The CLKOUT pin provides a 50% duty-cycle
square wave of the switching frequency. The phase of
CLKOUT with respect to the LTM4703 internal clock is
determined by the state of the PHMODE pin. The CLKOUT’s
peak-to-peak amplitude is INTVCC to GND. Float this pin if
the CLKOUT function is not used.
SYNC (Pin G6): This pin programs three different oper-
ating modes: 1) Pulse-skipping mode (PSM). Connect
this pin to GND for PSM to improve efficiency at light
loads. 2) Forced continuous mode (FCM). This mode
offers fast transient response and full-frequency oper-
ation over a wide load range. Connect this pin high to
INTVCC (~3.4V) or an external supply >3V for FCM. The
LTM4703 operates in this mode by default if this pin is
left floating. 3) Synchronization mode. Drive this pin with
a clock source synchronized to an external clock and put
the LTM4703 in FCM.
PIN FUNCTIONS
BLOCK DIAGRAM
VIN
VOUT
0.82µH
49.9k
COUT
RPGSET
CIN
1.21k
47nF
1µF
0.1µF
×2
CURRENT
MODE
CONTROLLER
VIN
SVIN
VOUT
PGSET
AGND
SW
RT
SET
GND
RUN
INTVCC
COMPa
COMPb
CLKOUT
SYNC
PHMODE
VOSNS
TSENSE+
TSENSE–
PG
0.1µF
×2
4703 BD
3.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com