Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8074
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 18Page - Analog Devices LTM8074 Datasheet HTML 19Page - Analog Devices LTM8074 Datasheet HTML 20Page - Analog Devices LTM8074 Datasheet HTML 21Page - Analog Devices LTM8074 Datasheet HTML 22Page - Analog Devices LTM8074 Datasheet HTML 23Page - Analog Devices LTM8074 Datasheet HTML 24Page - Analog Devices LTM8074 Datasheet HTML 25Page - Analog Devices LTM8074 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM4703
22
Rev. 0
For more information www.analog.com
confusion and inconsistency. These definitions are given
in JESD51S-12, and are quoted or paraphrased below.
1.
θJA is the natural convection junction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air,” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
2.
θJCbot is the junction-to-board thermal resistance with
all of the component power dissipation flowing through
the bottom of the package. In the typical μModule reg-
ulator, the bulk of the heat flows out the bottom of the
package, but there is always heat flow out into the ambi-
ent environment. As a result, this thermal resistance
value may be useful for comparing packages, but the
test conditions don’t generally match your application.
3.
θJCtop is determined with nearly all of the compo-
nent power dissipation flowing through the top of the
package. As the electrical connections of the typical
μModule regulator are on the bottom of the package,
it is rare for an application to operate such that most
of the heat flows from the junction to the top of the
part. As in the case of
θJCbot, this value may be useful
for comparing packages, but the test conditions don’t
generally match your application.
Given these definitions, it is clear that none of these
thermal coefficients reflect an actual physical operating
condition of the μModule regulator. Thus, none of them
can be individually used to accurately predict the thermal
performance of the product. Likewise, it would be inap-
propriate to attempt to use any one coefficient to correlate
to the junction temperature vs load graphs given in the
product’s data sheet. The only appropriate way to use the
coefficients is when running a detailed thermal analysis,
such as FEA, which considers all the thermal resistances
simultaneously.
A graphical representation of these thermal resistances
is shown in Figure 8. Some thermal resistance elements,
such as heat flow out the side of the package, are not
defined by the JEDEC standard, and are not shown. The
blue resistances are contained within the µModule regu-
lator, and the green are outside.
The die temperature of the LTM4703 must be lower than
the maximum rating, so care must be taken in the layout
of the circuit to ensure good heat sinking of the LTM4703.
The bulk of the heat flow out of the LTM4703 is through
the bottom of the package and the pads into the printed
circuit board. Consequently, a poor printed circuit board
design can cause excessive heating, resulting in impaired
performance or reliability. See the PCB Layout section for
a printed circuit board design suggestion.
4703 F08
µModule DEVICE
θJCtop JUNCTION-TO-CASE
(TOP) RESISTANCE
θJA JUNCTION-TO-AMBIENT RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 8. Graphical Representation of Thermal Coefficients, Including JESD51-12 Terms
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com