Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM8074
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 12Page - Analog Devices LTM8074 Datasheet HTML 13Page - Analog Devices LTM8074 Datasheet HTML 14Page - Analog Devices LTM8074 Datasheet HTML 15Page - Analog Devices LTM8074 Datasheet HTML 16Page - Analog Devices LTM8074 Datasheet HTML 17Page - Analog Devices LTM8074 Datasheet HTML 18Page - Analog Devices LTM8074 Datasheet HTML 19Page - Analog Devices LTM8074 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTM4703
16
Rev. 0
For more information www.analog.com
operation. If the SVIN and PVIN are powered from different
sources, keep SVIN above 3V to ensure proper operation.
The voltage transients or ripple valleys that cause the SVIN
to fall below 3V may turn off the LTM4703.
SET Pin (Bypass) Capacitance: Noise, Transient
Response, and Soft-Start
In addition to reducing output noise, using a SET pin
bypass capacitor reduces sensitivity to any parasitic cou-
pling of voltage spikes onto the SET pin. Note that any
bypass capacitor leakage deteriorates the LTM4703 DC
regulation. Capacitor leakage of even 100nA is a 0.1% DC
error. Therefore, it is recommended to use a good-quality,
low-leakage ceramic capacitor.
Also, using a SET pin bypass capacitor soft-starts the
output and limits inrush current. Soft-starting the output
prevents a current surge in the input supply. The SET pin
capacitor and resistor values set the ramp-up time of the
reference voltage, and the output voltage tracks this volt-
age. The SET pin resistor size is determined by the appli-
cation’s desired output voltage; however, the capacitor
size may be selected to achieve the desired ramp-up time.
It is important to remember that the size of the SET pin
capacitor also plays a role in noise performance, which
is typically the more important factor in determining the
size of this capacitor.
Without fast start-up enabled, the RC time constant,
formed by the SET pin resistor and capacitor, controls
soft-start time. Connect the PGSET pin to 0.5V to disable
fast start-up. The ramp-up rate from 0% to 90% of nom-
inal VOUT is given by Equation 3.
tSTART_NO_FAST_START-UP = 2.3•RSET •CSET
(3)
With fast start-up enabled, the start-up time can be sig-
nificantly reduced with the ramp-up time from 0% to 90%
of nominal VOUT as shown by Equation 4.
tSTART_FAST_START-UP =
100µA •RSET •CSET
2.7mA
(4)
In most applications, fast start-up is enabled. In this case,
a minimum SET capacitor size of 1μF is strongly rec-
ommended to prevent reference voltage overcharge and
ensure good noise performance.
Soft-Start and Power Sequencing
As discussed in the SET Pin (Bypass) Capacitance: Noise,
Transient Response, and Soft-Start section, soft-start is
achieved through the controlled ramp-up time of the SET
pin voltage. The soft-start is guaranteed when all PVIN and
SVIN pins are connected.
When PVIN and SVIN are powered by independent
supplies, power sequencing must be considered to guar-
antee a soft-start. The SET pin voltage should start at 0V
when PVIN is applied. To guarantee a soft-start, do not
power PVIN last when sequencing PVIN, SVIN, and RUN.
An example of a specific case to avoid is having SVIN and
RUN powered up before PVIN. In this instance, the SET
pin voltage rises to a voltage greater than 0V when PVIN
is applied, and the LTM4703 does not soft-start correctly.
Fast Start-Up
For ultralow noise applications that require low 1/f noise
(i.e., at frequencies below 100Hz), a larger value SET pin
capacitor is required, up to 22μF. A larger value capacitor
can be used, but care should be taken regarding leak-
age. While normally larger capacitors would significantly
increase the regulator’s start-up time, the LTM4703 incor-
porates fast start-up circuitry, which increases the SET pin
current to about 2.7mA during start-up.
Upon start-up, the 2.7mA current source remains
engaged while PGSET is below the power good threshold
of 462.5mV, unless the regulator is in thermal shutdown,
SVIN is too low, or INTVCC has fallen too low.
The fast start-up circuit is disabled permanently once
PGSET rises above the power good threshold, until either
the part is powered down, or the part is placed into shut
down by pulling the RUN pin to GND.
There is one more condition under which the 2.7mA
current source is disabled during start-up. The purpose
of this is to prevent overcharging VSET. Since the part
assumes that the PGSET pin is an accurately indicates
the voltage on the SET pin, it assumes that VOSNS follows
VSET closely. However, this may not always be the case.
For example, if the output capacitance is very large, or if,
for some reason, the output is shorted to GND. Therefore,
fast charge is also disabled whenever the COMPa pin has
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com