Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8074
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 2 Page - Analog Devices

  LTM8074 Datasheet HTML 1Page - Analog Devices LTM8074 Datasheet HTML 2Page - Analog Devices LTM8074 Datasheet HTML 3Page - Analog Devices LTM8074 Datasheet HTML 4Page - Analog Devices LTM8074 Datasheet HTML 5Page - Analog Devices LTM8074 Datasheet HTML 6Page - Analog Devices LTM8074 Datasheet HTML 7Page - Analog Devices LTM8074 Datasheet HTML 8Page - Analog Devices LTM8074 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4703
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SVIN, RUN, PG ...................................................18V
SYNC, PGSET .............................................................6V
VOUT, VOSNS, SET.....................................................6.3V
PHMODE, COMPa, RT.................................................4V
TSENSE+ to TSENSE− (Current) ...................................5mA
Internal Operating Junction Temperature Range
E-Grade, I-Grade.................................... –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................250°C
SYNC
GND
F
E
G
A
B
C
D
2
1
4
3
5
6
7
BGA PACKAGE
49-PIN (6.25mm × 6.25mm × 5.07mm)
TJMAX = 125°C, θJA = 19.6°C/W, θJCtop = 15.2°C/W,
θJCbottom = 4.0°C/W, WEIGHT = 0.7g
TOP VIEW
SW
TSENSE+ TSENSE–
RUN
RT
SET
VOSNS
SVIN
GND
BANK 1
BANK 2
VIN BANK 4
BANK 3
COMPb
COMPa
INTVCC
AGND
PHMODE
PGSET
PG
CLKOUT
VOUT
VOUT
θ VALUES ARE DETERMINED BY SIMULATION PER JESD-51 CONDITIONS.
θJA VALUE IS OBTAINED WITH EVALUATION BOARD.
SEE THE TYPICAL PERFORMANCE CHARACTERISTICS SECTION FOR LAB
MEASUREMENT AND DERATING CURVES.
ORDER INFORMATION
(Notes 1, 2)
PART NUMBER
PAD OR BALL
FINISH*
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4703EY#PBF
SAC305 (RoHS)
4703
e1
BGA
4
–40°C to 125°C
LTM4703IY#PBF
SAC305 (RoHS)
4703
e1
BGA
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com