Electronic Components Datasheet Search
  English  ▼

X  

TDA9605 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9605
Description  Audio processor with head amplifier for VHS hi-fi
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9605 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9605 Datasheet HTML 4Page - NXP Semiconductors TDA9605 Datasheet HTML 5Page - NXP Semiconductors TDA9605 Datasheet HTML 6Page - NXP Semiconductors TDA9605 Datasheet HTML 7Page - NXP Semiconductors TDA9605 Datasheet HTML 8Page - NXP Semiconductors TDA9605 Datasheet HTML 9Page - NXP Semiconductors TDA9605 Datasheet HTML 10Page - NXP Semiconductors TDA9605 Datasheet HTML 11Page - NXP Semiconductors TDA9605 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGR837
TUNL
MUTE
(
−47 to 0 dB;
0 to
+15 dB)
MUTE
(0 to
+14 dB)
AUDIO FM
PROCESSING
HI-FI
MUTE
(
−47 to 0 dB;
0 to
+15 dB)
INPUT SELECT
INPUT LEFT
VOLUME
VOLUME LEFT
SAP
LINOUT
linear audio
processing
(record)
LININ
TUNER
EXT2
MUTE
DUB MIX
MUTE
LEFT
EXT2
OUTPUT SELECT
OUTPUT SELECT
ENVOUT
RFCOUT
HF ENVELOPE
HF envelope
STEREO
RIGHT
STEREO
NORMAL
TUNER
EXT1
SAP
MUTE
OUTPUT SELECT
TUNR
CINL
CINR
EXT1L
EXT1R
EXT2R
AUXL
SAP
EXT2L
AUXR
RECOUT
tape
volume aux
output select
line select
input select
PBIN1
PBIN2
NORMAL
NORMAL
NORMAL
MUTE
LEFT
RIGHT
MUTE
LEFT
RIGHT
LEFT
RIGHT
LEFT
RIGHT
decoder select
0 dB AGC
0 dB
+1 dB
MUTE
RF converter AGC
envelope select
normal input level
normal select
DECL
line output
amplification
DECR
LINEL
LINER
volume hi-fi
(playback)
Fig.4 Input and output selections for dub-mix mode.
Dub-mix mode: IS2 = 1, IS1 = 0 and IS0 = 1.
Input mixing of the hi-fi (playback) signal with the auxiliary, used for linear audio dubbing recording.
Selections generally used in combination with dub-mix mode are shown in heavy line type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com