Electronic Components Datasheet Search
  English  ▼

X  

TDA9605 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA9605
Description  Audio processor with head amplifier for VHS hi-fi
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9605 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA9605 Datasheet HTML 35Page - NXP Semiconductors TDA9605 Datasheet HTML 36Page - NXP Semiconductors TDA9605 Datasheet HTML 37Page - NXP Semiconductors TDA9605 Datasheet HTML 38Page - NXP Semiconductors TDA9605 Datasheet HTML 39Page - NXP Semiconductors TDA9605 Datasheet HTML 40Page - NXP Semiconductors TDA9605 Datasheet HTML 41Page - NXP Semiconductors TDA9605 Datasheet HTML 42Page - NXP Semiconductors TDA9605 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGR839
M
M
M
M
TUL
head drum
AH1
AH2
5 V
1
2
3
4
40
39
37
35
36
38
5
6
7
SAP
TUL
TUR
E1L
E1R
E2L
E2R
8
9
10
N
dub
11
normal select
input select
volume right
M
normal
input
level
RF converter
mute
volume left
decoder
select
+1 dB 12 V
TDA9605H
1.7 or 1.8 MHz
SAP
21
22
TUR
DCL
DCR
HID
HID
SDA
SCL
26
25
24
23
TUL
E1L
SAP
TUR
E1R
E2L
E2R
VCC
SAP
+
+
+
+
+
+
41
44
42
43
standby select
SUPPLY
34
27
29
28
M
+
E2L
E2R
+
HF LFP
L
DCR
R
N
dub
HF LIMITER
PEAK HOLD
LEVEL
DETECTOR
PLL
CCO
(1.7 or
1.8 MHz)
LEVEL
DETECTOR
DROPOUT
CANCELING
HI-FI
DETECTOR
1.3 or 1.4 MHz
HF LFP
HF AGC
M
HF LIMITER
PLL
CCO
(1.3 or
1.4 MHz)
envelope output
select
+ record
envelope
output
select
+ playback
DCL
mute
R
L
PEAK HOLD
AUTO-MUTE
line select
output select
AUTN
AUTN
M
NOISE
SUPPRESSION
NOISE
SUPPRESSION
RECTIFIER
NOISE REDUCTION
FM (DE-)MODULATOR
HEAD AMPLIFIER
I/O CONTROL
CCA
W
+ FM
5th ORDER
AUDIO LPF
COMPRESSOR
EXPANDER
DETECTOR
AUDIO
CLIPPER
I2C-BUS
INTERFACE
M = mute
I2C-bus
control
HID
RM
RM
HID
AF/HF envelope
RM
19
20
16
15
17
18
13
14
AUDIO
CLIPPER
12
30
31
32
33
RECTIFIER
CCA
W
+ FM
5th ORDER
AUDIO LPF
COMPRESSOR
EXPANDER
DETECTOR
10 k
Ω
18 k
Ω
470
Ω
47
µF
10 nF
100 nF
100 nF
2.7 k
Ω
33 k
Ω
10
µF
10
µF
47
µF
6.8 nF
2.7 k
Ω
33 k
Ω
10
µF
10
µF
47
µF
6.8 nF
10
µF
decoder
line
10
µF
RFC
10
µF
10
µF
10
µF
3.3 M
Ω
10
µF
220 nF
10
µF
linear audio
SAP
tuner
CINCH
ext1
ext2
aux
220 nF
(11
×)
39 k
Ω
(2%)
47
µF
2.2
µF
10 nF
9 to 12 V
playback.
+
record-mute,
recording
carrier ratio select,
record-mute
playback head
amplification,
record head
current
Fig.14 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com