Electronic Components Datasheet Search
  English  ▼

X  

TDA9605 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9605
Description  Audio processor with head amplifier for VHS hi-fi
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9605 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9605 Datasheet HTML 22Page - NXP Semiconductors TDA9605 Datasheet HTML 23Page - NXP Semiconductors TDA9605 Datasheet HTML 24Page - NXP Semiconductors TDA9605 Datasheet HTML 25Page - NXP Semiconductors TDA9605 Datasheet HTML 26Page - NXP Semiconductors TDA9605 Datasheet HTML 27Page - NXP Semiconductors TDA9605 Datasheet HTML 28Page - NXP Semiconductors TDA9605 Datasheet HTML 29Page - NXP Semiconductors TDA9605 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
1999 Apr 14
26
Philips Semiconductors
Product specification
Audio processor with head amplifier for VHS hi-fi
TDA9605H
Table 21 Output select normal, right and left (bits OSN, OSR and OSL)
Note
1. Power-on reset state.
In case the dub-mix mode is selected via the input select function, the performance of mix-left, mix-right and mix-stereo
modes is changed to support audio dubbing input mixing. The hi-fi channel is available for the input select function and
normal sound is available at the output for monitoring the linear audio recording. The auto-normal state is ignored during
the dub-mix mode and the hi-fi playback signal is muted instead.
Table 22 Dub-mix mode (bits OSN, OSR and OSL)
7.7.3
ENVELOPE OUTPUT SELECT
The output signal on pin ENVOUT is selected via the envelope select function.
In the playback mode the HF envelope displays the amplitude of the left channel carrier. Display of the right channel
carrier amplitude for special measurement purposes can be selected via test 10 in the test mode.
Table 23 Envelope output select (bit EOS)
Notes
1. X = don’t care.
2. Power-on reset state.
OSN
OSR
OSL
MODE
DESCRIPTION
0
0
0
mute
mute; no selection; note 1
0
0
1
left
left hi-fi channel selected (language 1)
0
1
0
right
right hi-fi channel selected (language 2)
0
1
1
stereo
hi-fi stereo selected
1
0
0
normal
normal signal selected (linear audio from pin LININ)
1
0
1
mix-left
mix of hi-fi left with normal (1
⁄2 × left + 1⁄2 × normal)
1
1
0
mix-right
mix of hi-fi right with normal (1
⁄2 × right + 1⁄2 × normal)
1
1
1
mix-stereo
mix of hi-fi stereo with normal (1
⁄2 × stereo + 1⁄2 × normal)
OSN
OSR
OSL
MODE
OUTPUT IN DUB-MIX MODE
INPUT IN DUB-MIX MODE
0
0
0
mute
mute
mute
0
0
1
left
left channel
left channel
0
1
0
right
right channel
right channel
0
1
1
stereo
stereo signal
1
⁄2 × left + 1⁄2 × right
1
0
0
normal
normal signal
mute
1
0
1
mix-left
normal signal
left channel
1
1
0
mix-right
normal signal
right channel
1
1
1
mix-stereo
normal signal
1
⁄2 × left + 1⁄2 × right
AFM
EOS
MODE
DESCRIPTION
X(1)
0
output select
audio peak envelope of selected signal via output select function; note 2
0
1
HF envelope
HF envelope of the left channel carrier in the playback mode
1
1
stereo envelope
audio peak envelope of the hi-fi stereo signal in the record mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com