Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R8C23
Description  MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R8C23 Datasheet HTML 1Page - Renesas Technology Corp R8C23 Datasheet HTML 2Page - Renesas Technology Corp R8C23 Datasheet HTML 3Page - Renesas Technology Corp R8C23 Datasheet HTML 4Page - Renesas Technology Corp R8C23 Datasheet HTML 5Page - Renesas Technology Corp R8C23 Datasheet HTML 6Page - Renesas Technology Corp R8C23 Datasheet HTML 7Page - Renesas Technology Corp R8C23 Datasheet HTML 8Page - Renesas Technology Corp R8C23 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
R8C/22 Group, R8C/23 Group
1. Overview
Rev.1.10 Mar 16, 2007
Page 2 of 48
REJ03B0097-0110
1.2
Performance Overview
Table 1.1 outlines the Functions and Specifications for R8C/22 Group and Table 1.2 outlines the Functions and
Specifications for R8C/23 Group.
NOTES:
1. When using options, be sure to inquire about the specification.
2. I2C bus is a registered trademark of Koninklijke Philips Electronics N.V.
Table 1.1
Functions and Specifications for R8C/22 Group
Item
Specification
CPU
Number of fundamental instructions 89 instructions
Minimum instruction execution time 50 ns (f(XIN) = 20 MHz, VCC = 3.0 to 5.5 V)
100 ns (f(XIN) = 10 MHz, VCC = 2.7 to 5.5 V)
Operating mode
Single-chip
Address space
1 Mbyte
Memory capacity
Refer to Table 1.3 Product Information of R8C/22 Group
Peripheral
Function
Ports
I/O ports: 41 pins, Input port: 3 pins
Timers
Timer RA: 8 bits x 1 channel,
Timer RB: 8 bits x 1 channel
(Each timer equipped with 8-bit prescaler)
Timer RD: 16 bits x 2 channel
(Circuits of input capture and output compare)
Timer RE: With compare match function
Serial interface
1 channel (UART0)
Clock synchronous I/O, UART
1 channel (UART1)
UART
Clock synchronous serial interface
1 channel
I2C bus interface(2), Clock synchronous serial I/O with chip
select
LIN module
Hardware LIN: 1 channel
(timer RA, UART0)
CAN module
1 channel with 2.0B specification: 16 slots
A/D converter
10-bit A/D converter: 1 circuit, 12 channels
Watchdog timer
15 bits x 1 channel (with prescaler)
Reset start selectable
Interrupt
Internal: 14 sources, External: 6 sources, Software: 4 sources,
Priority level: 7 levels
Clock generation circuits
2 circuits
XIN clock generation circuit (with on-chip feedback resistor)
On-chip oscillator (high speed, low speed)
High-speed on-chip oscillator has frequency adjustment
function.
Oscillation stop detection
function
Stop detection of XIN clock oscillation
Voltage detection circuit
On-chip
Power-on reset circuit include
On-chip
Electric
Characteristics
Supply voltage
VCC = 3.0 to 5.5 V (f(XIN) = 20 MHz)(D, J version)
VCC = 3.0 to 5.5 V (f(XIN) = 16 MHz)(K version)
VCC = 2.7 to 5.5 V (f(XIN) = 10 MHz)
Current consumption
Typ. 12.5 mA (VCC = 5 V, f(XIN) = 20 MHz, High-speed on-
chip oscillator stopping)
Typ. 6.0 mA (VCC = 5 V, f(XIN) = 10 MHz, High-speed on-chip
oscillator stopping)
Flash Memory
Programming and erasure voltage
VCC = 2.7 to 5.5 V
Programming and erasure endurance 100 times
Operating Ambient Temperature
-40 to 85
°C
-40 to 125
°C (option(1))
Package
48-pin mold-plastic LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com