Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C23
Description  MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 24Page - Renesas Technology Corp R8C23 Datasheet HTML 25Page - Renesas Technology Corp R8C23 Datasheet HTML 26Page - Renesas Technology Corp R8C23 Datasheet HTML 27Page - Renesas Technology Corp R8C23 Datasheet HTML 28Page - Renesas Technology Corp R8C23 Datasheet HTML 29Page - Renesas Technology Corp R8C23 Datasheet HTML 30Page - Renesas Technology Corp R8C23 Datasheet HTML 31Page - Renesas Technology Corp R8C23 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
R8C/22 Group, R8C/23 Group
5. Electrical Characteristics
Rev.1.10 Mar 16, 2007
Page 28 of 48
REJ03B0097-0110
5.
Electrical Characteristics
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr = -40 to 85
°C (D, J version) / -40 to 125°C (K version), unless otherwise specified.
2.
The typical values when average output current is 100 ms.
Table 5.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated value
Unit
VCC/AVCC
Supply voltage
-0.3 to 6.5
V
VI
Input voltage
-0.3 to VCC+0.3
V
VO
Output voltage
-0.3 to VCC+0.3
V
Pd
Power dissipation
-40
°C ≤ Topr ≤ 85°C
300
mW
85
°C < Topr ≤ 125°C
125
mW
Topr
Operating ambient temperature
-40 to 85 (D, J version) /
-40 to 125 (K version)
°C
Tstg
Storage temperature
-65 to 150
°C
Table 5.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC
Supply voltage
2.7
−
5.5
V
VSS/AVCC
Supply voltage
−
0
−
V
VIH
Input “H” voltage
0.8VCC
−
VCC
V
VIL
Input “L” voltage
0
−
0.2VCC
V
IOH(sum)
Peak sum output “H”
current
Sum of all
Pins IOH (peak)
−−
-60
mA
IOH(peak)
Peak output “H” current
−−
-10
mA
IOH(avg)
Average output “H” current
−−
-5
mA
IOL(sum)
Peak sum output “L”
currents
Sum of all
Pins IOL (peak)
−−
60
mA
IOL(peak)
Peak output “L” currents
−−
10
mA
IOL(avg)
Average output “L” current
−−
5mA
f(XIN)
XIN clock input oscillation frequency
3.0 V
≤ VCC ≤ 5.5 V
-40
°C ≤ Topr ≤ 85°C
0
−
20
MHz
3.0 V
≤ VCC ≤ 5.5 V
-40
°C ≤ Topr ≤ 125°C
0
−
16
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
−
System clock
OCD2 = 0
When XIN
clock is
selected.
3.0 V
≤ VCC ≤ 5.5 V
-40
°C ≤ Topr ≤ 85°C
0
−
20
MHz
3.0 V
≤ VCC ≤ 5.5 V
-40
°C ≤ Topr ≤ 125°C
0
−
16
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
OCD2 = 1
When on-chip
oscillator clock
is selected.
FRA01 = 0
When low-speed on-
chip oscillator clock is
selected.
−
125
−
kHz
FRA01 = 1
When high-speed on-
chip oscillator clock is
selected.
3.0 V
≤ VCC ≤ 5.5 V
-40
°C ≤ Topr ≤ 85°C
−−
20
MHz
FRA01 = 1
When high-speed on-
chip oscillator clock is
selected.
−−
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com