Electronic Components Datasheet Search
  English  ▼

X  

M30302FAPFP Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M30302FAPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FAPFP Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M30302FAPFP Datasheet HTML 39Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 40Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 41Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 42Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 43Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 44Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 45Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 46Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 43 of 53
REJ03B0088-0122
VCC1=VCC2=3V
Timing Requirements
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
NOTES:
1. The condition is VCC1=VCC2=2.7 to 3.0V.
2. Calculated according to the VCC1 voltage as follows:
[ns]
3. Calculated according to the VCC1 voltage as follows:
[ns]
4. Calculated according to the VCC1 voltage as follows:
[ns]
NOTES:
1. Calculated according to the BCLK frequency as follows:
2. Calculated according to the BCLK frequency as follows:
n is ”2” for 1-wait setting.
Table 5.29
External Clock Input (XIN input)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External Clock Input Cycle Time
(NOTE 2)
ns
tw(H)
External Clock Input HIGH Pulse Width
(NOTE 3)
ns
tw(L)
External Clock Input LOW Pulse Width
(NOTE 3)
ns
tr
External Clock Rise Time
(NOTE 4)
ns
tf
External Clock Fall Time
(NOTE 4)
ns
Table 5.30
Memory Expansion Mode and Microprocessor Mode
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data Input Access Time (for setting with no wait)
(NOTE 1)
ns
tac2(RD-DB)
Data Input Access Time (for setting with wait)
(NOTE 2)
ns
tsu(DB-RD)
Data Input Setup Time
50
ns
tsu(RDY-BCLK)
RDY Input Setup Time
40
ns
tsu(HOLD-BCLK) HOLD Input Setup Time
50
ns
th(RD-DB)
Data Input Hold Time
0
ns
th(BCLK-RDY)
RDY Input Hold Time
0
ns
th(BCLK-HOLD)
HOLD Input Hold Time
0
ns
10 6
–
20
VCC1
44
–
×
----------------------------------------
10
6
–
20
VCC1
44
–
×
----------------------------------------
0.4
×
10
–
VCC1
45
+
×
0.5x10
9
fBCLK
()
------------------------60 ns
[]
–
n0.5
–
()x10
9
fBCLK
()
------------------------------------
60 ns
[]
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com